Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3795 Datasheet (PDF) - Maxim Integrated Products

MAX3795 Datasheet PDF - Maxim Integrated Products
Part # MAX3795
Download  MAX3795 Download
File Size   785.85 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors

MAX3795 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3795 Datasheet PDF - Maxim Integrated Products

Part # MAX3795
Download  MAX3795 Click to download

File Size   785.85 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors

MAX3795 Datasheet (HTML) - Maxim Integrated Products


MAX3795 Product details

General Description
The MAX3795 is a high-speed VCSEL driver for small-form-factor (SFF) and small-form-factor pluggable (SFP) fiber optic transmitters. It contains a bias generator, a laser modulator, and comprehensive safety features. The automatic power control (APC) adjusts the laser bias current to maintain average optical power over changes in temperature and laser properties. The driver accommodates common-cathode and differential configurations.

Features
♦ Supports All SFF-8472 Digital Diagnostics
♦ 3.3V ±10% Single Supply
♦ 2mA to 15mA Modulation Current
♦ 1mA to 15mA Bias Current
♦ 52ps Transition Time
♦ 8.4ps Deterministic Jitter
♦ Optional Peaking Current to Improve VCSEL Edge Speed
♦ Supports Common-Cathode and Differential Configuration
♦ Safety Circuits Compliant with SFF and SFP MSAs
♦ Pin Compatible to MAX3740A

Applications
    Multirate (1Gbps to 4.25Gbps) SFP/SFF Modules
    Gigabit Ethernet Optical Transmitters
    Fibre-Channel Optical Transmitters




Similar Part No. - MAX3795

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3795 MAXIM-MAX3795 Datasheet
343Kb / 6P
Allows Optical and Electrical Evaluation
Rev 0, 11/04
MAX3795EVKIT MAXIM-MAX3795EVKIT Datasheet
343Kb / 6P
Allows Optical and Electrical Evaluation
Rev 0, 11/04
More results


Similar Description - MAX3795

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740 MAXIM-MAX3740 Datasheet
818Kb / 14P
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
19-2679; Rev 2; 7/03
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com