Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3799 Datasheet (PDF) - Maxim Integrated Products

MAX3799 Datasheet PDF - Maxim Integrated Products
Part # MAX3799
Download  MAX3799 Download
File Size   1248.56 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver

MAX3799 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3799 Datasheet PDF - Maxim Integrated Products

Part # MAX3799
Download  MAX3799 Click to download

File Size   1248.56 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver

MAX3799 Datasheet (HTML) - Maxim Integrated Products


MAX3799 Product details

General Description
The MAX3799 is a highly integrated limiting amplifier and VCSEL driver that operates up to 14Gbps, making it suitable for Ethernet and Fibre Channel applications. By providing a selectable data path with a noise-shaping filter, the MAX3799 enables a module with 10G optics to be fully compliant with both 1000BASE-SR and 10GBASE-SR specifications.

Features
♦ Enables Single-Module Design Compliance with 1000BASE-SR and 10GBASE-SR Specifications
♦ -21.5dBm Optical Sensitivity at 1.25Gbps Using a 10.32Gbps ROSA (-19.7dBm OMA)
♦ Low Power Dissipation of 320mW at 3.3V Power Supply
♦ Typical Electrical Performance of 14.025Gbps on Rx/Tx (Non-Retimed 16x Fibre Channel Solution)
♦ 3mVP-P Receiver Sensitivity at 10.32Gbps
♦ 4psP-P DJ at Receiver Output at 8.5Gbps 8B/10B
♦ 4psP-P DJ at Receiver Output at 10.32Gbps 231 - 1 PRBS
♦ 26ps Rise and Fall Time at Rx/Tx Output
♦ Rate Select for 1Gbps Mode or 10Gbps Mode
♦ CML Output Squelch
♦ Polarity Select for Rx and Tx
♦ LOS Assert Level Adjustment
♦ LOS Polarity Select
♦ Modulation Current Up to 12mA Into 100Ω Differential Load
♦ Bias Current Up to 15mA
♦ Integrated Eye Safety Features
♦ 3-Wire Digital Interface
♦ Programmable Deemphasis at Tx Output

Applications
    1000BASE-SR/10GBASE-SR Multirate SFP+ Optical Transceiver
    1x/2x/4x/8x/16x SFF/SFP/SFP+ MSA Fibre Channel (FC) Optical Transceiver




Similar Part No. - MAX3799

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
MAX3799E/D MAXIM-MAX3799E/D Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
MAX3799ETJ+ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
MAX3799ETJ+ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
More results


Similar Description - MAX3799

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Vitesse Semiconductor C...
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
4Channel 14Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com