Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7964 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7964 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7964
Download  VSC7964 Download
File Size   525.83 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier

VSC7964 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7964 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7964
Download  VSC7964 Click to download

File Size   525.83 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier

VSC7964 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7964 Product details

GENERAL DESCRIPTION
The VSC7964 is a multirate 4.25 Gbps integrated Vertical Cavity Surface Emitting Laser (VCSEL) driver and limiting amplifier for Gigabit Ethernet and Fibre Channel applications optimized to reduce SFP module cost. A standard SPI port is provided for programming integrated digital-to-analog converters for laser bias current, modulation current, power, modulation peaking current, and the limiting amplifier loss of signal threshold. The VSC7964 is equipped with SFP-compliant fault indicators, redundant disable control, Automatic Power Control, temperature sensor, voltage reference, various signal monitors, and robust eye safety features.
   
FEATURES
► Rate Selection
► Optical Power Monitor
► Dynamic Negative Peaking Control
► Digital Programming Interface
► Integrated Digital to Analog Converters (DACs) and Temp Sensor
► Built-in Support for IEC-60825 Eye Safety
► Extended Operating Temperature
   
FEATURES
► Gigabit Ethernet Transceivers
► Fibre Channel Transceivers (1x, 2x and 4x)
► Infiniband Transceivers
   




Similar Part No. - VSC7964

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
More results


Similar Description - VSC7964

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7640 VITESSE-VSC7640 Datasheet
80Kb / 1P
4x 3.125 Gbps VCSEL Transmitter Array and 4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers
logo
Texas Instruments
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
logo
Maxim Integrated Produc...
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
logo
Finisar Corporation.
HFE7192-581 FINISAR-HFE7192-581 Datasheet
320Kb / 7P
1/2/4/8 GBPS 850NM VCSEL LC TOSA PACKAGES
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
logo
Texas Instruments
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
Integrated Device Techn...
HXT8204 IDT-HXT8204 Datasheet
253Kb / 2P
4 Channel 28 Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com