Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3798 Datasheet (PDF) - Maxim Integrated Products

MAX3798 Datasheet PDF - Maxim Integrated Products
Part # MAX3798
Download  MAX3798 Download
File Size   1133.24 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver

MAX3798 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3798 Datasheet PDF - Maxim Integrated Products

Part # MAX3798
Download  MAX3798 Click to download

File Size   1133.24 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver

MAX3798 Datasheet (HTML) - Maxim Integrated Products


MAX3798 Product details

General Description
The MAX3798 is a highly integrated limiting amplifier and VCSEL driver designed for 1x/2x/4x/8x Fibre Channel transmission systems at data rates up to 8.5Gbps as well as for 10GBASE-SR transmission systems at a data rate of 10.3125Gbps.

Features
♦ Low Power Dissipation of 320mW at 3.3V Power Supply
♦ Up to 10.32Gbps (NRZ) Operation
♦ 3mVP-P Receiver Sensitivity at 10.32Gbps
♦ 4psP-P DJ at Receiver Output at 8.5Gbps 8B/10B
♦ 4psP-P DJ at Receiver Output at 10.32Gbps 231 - 1 PRBS
♦ 26ps Rise and Fall Time at Rx/Tx Output
♦ Mode Select for High-Gain Mode and HighBandwidth Mode
♦ CML Output Slew-Rate Adjustment for High-Gain Mode
♦ CML Output with Continuous Level Adjustment
♦ CML Output Squelch
♦ Polarity Select for Rx and Tx
♦ LOS Assert Level Adjustment
♦ LOS Polarity Select
♦ Modulation Current Up to 12mA Into 100Ω Differential Load
♦ Bias Current Up to 15mA
♦ Integrated Eye Safety Features
♦ Selectable Deemphasis at Rx Output
♦ 3-Wire Digital Interface
♦ Eye-Crossing Adjustment of Modulation Output
♦ Programmable Deemphasis at Tx Output
♦ Fast Mode-Select Change Time of 10µs

Applications
    10GBASE-SR SFP+ Optical Transceiver
    1x/2x/4x/8x SFF/SFP/SFP+ MSA Fibre Channel (FC) Optical Transceiver
    10GBASE-LR SFP+ Optical Transceiver (1310nm VCSEL)
    10GBASE-LRM SFP+ Optical Transceiver (1310nm VCSEL)




Similar Part No. - MAX3798

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3793E/D MAXIM-MAX3793E/D Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
MAX3795 MAXIM-MAX3795 Datasheet
343Kb / 6P
Allows Optical and Electrical Evaluation
Rev 0, 11/04
MAX3795ETG MAXIM-MAX3795ETG Datasheet
785Kb / 15P
1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
More results


Similar Description - MAX3798

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3969 MAXIM-MAX3969 Datasheet
724Kb / 11P
200Mbps SFP Limiting Amplifier
Rev 0; 4/04
logo
Vitesse Semiconductor C...
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
MAX3945ETE MAXIM-MAX3945ETE Datasheet
2Mb / 24P
1.0625Gbps to 11.3Gbps, SFP Dual-Path Limiting Amplifier
Rev 0; 2/10
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3969 MAXIM-MAX3969_V01 Datasheet
303Kb / 11P
200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com