Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7965 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7965 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7965
Download  VSC7965 Download
File Size   1049.54 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier

VSC7965 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7965 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7965
Download  VSC7965 Click to download

File Size   1049.54 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier

VSC7965 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7965 Product details

GENERAL DESCRIPTION
The VSC7965 is a multirate 1.25 Gbps integrated laser driver and limiting amplifier for Passive Optical Network applications optimized to reduce module cost. The device is intended to drive distributed feedback (DFB) and Fabry Perot (FP) lasers. A standard SPI port is provided for programming integrated digital-to-analog converters for laser bias current, modulation current, average power, and the limiting amplifier loss of signal threshold. The VSC7965 is equipped with SFP-compliant fault indicators, redundant disable control, Automatic Power Control, temperature sensor, various signal monitors, and robust eye safety features. The VSC7965 is available in a 5mm x 5mm 32-pin QFN plastic package.
   
FEATURES
► APC loop requires no initialization phase
► VSC7965 meets the specification for BPON, GE-PON, and GPON
► Burst enable input supports LVPECL, LVDS, and LVTTL output levels
► Selectable resistance on monitor diode input
► Laser driver crossing point control
► Built-in eye safety support
   
APPLICATIONS
► BPON, GE-PON, GPON burst-mode laser driver
   




Similar Part No. - VSC7965

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
More results


Similar Description - VSC7965

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
491Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
155-mbps to 2.5-gbps Limiting amplifier
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com