Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7965 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7965
Description  PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7965 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7965 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7965 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or
other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective
holders.
Vitesse Semiconductor Corporation (“Vitesse”) retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
Copyright © 2005–2006
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC7965
VSC7965
Laser Driver
DATA
Modulation and
Bias Control and Montoring
DATAN
OUT
OUTN
5 Ω
15 Ω
BSRC = VCC
VCC
IMOD
IMOD
BEN
15 Ω
BENN_TX_DIS
VCC
15 Ω
5 Ω
BSNK
AOUT
10 kΩ
MD
TX_FAULT
IBIAS
BSNKN
IMD
10 kΩ
VCC
Limiting Amplifier
LIN
S1
LOUT
50 Ω
LOUTN
S5
DCRST2
Peak
Detector
and
Control
50 Ω
LOS
100 Ω
S2
S4
S3
DCRST1
RPK_STAGE
DCRST[1:0]
DCRST[1:0]
LA_SQMON
LOSMON
Output
Control
LA_SQSRC
LA_SQFORCE
7 kΩ
VCC
GENERAL DESCRIPTION:
BLOCK DIAGRAMS:
PON Integrated Burst-mode Laser Driver and Limiting Amplifier
The VSC7965 is a multirate 1.25 Gbps integrated
laser driver and limiting amplifier for Passive
Optical Network applications optimized to reduce
module cost. The device is intended to drive
distributed feedback (DFB) and Fabry Perot (FP)
lasers. A standard SPI port is provided for programming integrated
digital-to-analog converters for laser bias current, modulation
current, average power, and the limiting amplifier loss of signal
threshold. The VSC7965 is equipped with SFP-compliant fault
indicators, redundant disable control, Automatic Power Control,
temperature sensor, various signal monitors, and robust eye safety
features. The VSC7965 is available in a 5mm x 5mm 32-pin QFN
plastic package.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com