Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1583PR Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1583PR Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1583PR
Download  TD1583PR Download
File Size   655.39 Kbytes
Page   16 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 3A 380KHz 28V PWM Buck DC/DC Converter

TD1583PR Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1583PR Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1583PR
Download  TD1583PR Click to download

File Size   655.39 Kbytes
Page   16 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 3A 380KHz 28V PWM Buck DC/DC Converter

TD1583PR Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1583PR Product details

General Description
The TD1583 is a 380 KHz fixed frequency monolithic
step down switch mode regulator with a built in internal
Power MOSFET. It achieves 3A continuous output
current over a wide input supply range with excellent
load and line regulation.
The device includes a voltage reference, oscillation
circuit, error amplifier, internal PMOS and etc.
The PWM control circuit is able to adjust the duty ratio
linearly from 0 to 100%. An enable function, an over
current protection function and a short circuit protection
function are built inside. An internal compensation block
is built in to minimize external component count.
The TD1583 serves as ideal power supply units for
portable devices.

Features
3A Constant Output Current
80mΩ RDSON Internal Power PMOSFET Switch
Up to 95% Efficiency
Fixed 380KHz Frequency
Wide 3.6V to 28V Input Voltage Range
Output Adjustable from 1.222V to 26V
Built in Frequency Compensation
Built in Thermal Shutdown Function
Built in Current Limit Function
SOP-8 Package is Available
The minimum dropout up to 0.3V

Applications
Portable DVD
LCD Monitor / TV
Battery Charger
ADSL Modem
Telecom / Networking Equipment




Similar Part No. - TD1583PR

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TD15-1205ALF HALO-TD15-1205ALF Datasheet
397Kb / 2P
DIL Package
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
TD1501L33 TECHCODE-TD1501L33 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
TD1501L50 TECHCODE-TD1501L50 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
TD1501LADJ TECHCODE-TD1501LADJ Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Similar Description - TD1583PR

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1683 YOBON-YB1683 Datasheet
227Kb / 9P
3A 380KHz 28V PWM Buck DC/DC Converter
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
Taiwan Semiconductor Co...
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
3A / 380KHz PWM Buck Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
XL1583 ETC2-XL1583 Datasheet
233Kb / 9P
3A 380KHz 23V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
3A 380KHz 23V Buck DC to DC Converter
logo
First Silicon Co., Ltd
FAC1583 FS-FAC1583 Datasheet
414Kb / 11P
3A 380KHZ 28V PWM Buck DC/DC Converter
logo
SG Micro Corp
SGM61232 SGMICRO-SGM61232 Datasheet
951Kb / 19P
28V, 3A, Buck DC/DC Converter
JANUARY2023-REV.A.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com