Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR3424 Datasheet (PDF) - NXP Semiconductors

CR3424 Datasheet PDF - NXP Semiconductors
Part # CR3424
Download  CR3424 Download
File Size   52.39 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Video driver hybrid amplifier

CR3424 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR3424 Datasheet PDF - NXP Semiconductors

Part # CR3424
Download  CR3424 Click to download

File Size   52.39 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Video driver hybrid amplifier

CR3424 Datasheet (HTML) - NXP Semiconductors


CR3424 Product details

DESCRIPTION
Hybrid amplifier module mounted in a SOT115L package.

FEATURES
• Typical transition times (10 to 90%) with CL = 10 pF:
   – at 35 V (p-p) swing
      tr = 2.2 ns; tf = 2.0 ns
   – at 40 V (p-p) swing
      tr = 2.3 ns; tf = 2.1 ns
   – at 50 V (p-p) swing
      tr = 2.5 ns; tf = 2.2 ns
• Low power consumption
• Minimum small signal bandwidth 130 MHz
• Very fast slew rate; 15000 V/µs
• Excellent grey-scale linearity
• Unconditional stability
• Gold metallization ensures excellent reliability.

APPLICATIONS
   It is designed for application in cathode-ray tube (CRT) drivers in high-resolution colour and monochrome monitors.




Similar Part No. - CR3424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR342 ETC1-CR342 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
More results


Similar Description - CR3424

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR1296 PHILIPS-CR1296 Datasheet
53Kb / 8P
Triple video driver hybrid amplifier
1997 Jul 09
CR2424S PHILIPS-CR2424S Datasheet
51Kb / 9P
Video driver hybrid amplifier
1995 Oct 23
CR2427S PHILIPS-CR2427S Datasheet
54Kb / 12P
Video driver hybrid amplifier
1995 Feb 09
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
Triple video driver hybrid amplifier
1997 Oct 21
CR5527S PHILIPS-CR5527S Datasheet
51Kb / 12P
Triple video driver hybrid amplifier
1995 Apr 05
CR6728A PHILIPS-CR6728A Datasheet
62Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
Triple video driver hybrid amplifier
1998 Feb 12
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6928A PHILIPS-CR6928A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6929A PHILIPS-CR6929A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Sep 21
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com