Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE3256 Datasheet (PDF) - Texas Instruments

AFE3256 Datasheet PDF - Texas Instruments
Part # AFE3256
Download  AFE3256 Download
File Size   506.95 Kbytes
Page   6 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors

AFE3256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE3256 Datasheet PDF - Texas Instruments

Part # AFE3256
Download  AFE3256 Click to download

File Size   506.95 Kbytes
Page   6 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors

AFE3256 Datasheet (HTML) - Texas Instruments


AFE3256 Product details

1 Features
• 256 channels
• On-chip, 16-bit ADC
• High performance:
– Noise: 440 electrons RMS
(1.2-pC input charge range)
– Low correlated noise
– Full-channel integral nonlinearity:
±2 LSB at 16 bit
– Scan time: < 16 μs to 204.8 μs
• Integration:
– Programmable full-scale input charge range:
0.3 pC to 12.5 pC with resolution of 0.3 pC
– Internal timing generator (TG)
– Built-in correlated double sampler
– Software programmable electron or hole
integration mode
– Pipelined integrate-and-read for improved
throughput—data-read during integration
– Serial LVDS output
– On-chip temperature sensor
• Simple power supply scheme:
– Single 1.85-V power supply operation
• Multiple power modes with power consumption
ranging from 1 mW/ch to 2 mW/ch
• Power-down modes: sleep and standby
• Binning mode support
• Custom chip-on-film (COF) packages

2 Applications
• Flat-panel, X-ray detectors
• Charge detectors
• Capacitance measurement

3 Description
The AFE3256 is a 256-channel, analog front-end
(AFE) designed to suit the requirements of flat-panel
detector (FPD) based digital X-ray systems. The
device includes 256 integrators, correlated double
samplers (CDSs) with dual banking, and 256:2 analog
multiplexers. The device also features two 16-bit
successive-approximation register (SAR) analog-todigital
converters (ADCs). Serial data from the ADCs
are available in low-voltage differential signaling
(LVDS) format.
The device, also commonly referred as a readout
integrated circuit (ROIC), optimizes the overall system
performance using features such as multiple power
modes and in-system debug options.
The sleep and standby modes enable substantial
power saving which is critical for battery-powered
systems.




Similar Part No. - AFE3256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE3256 TI1-AFE3256 Datasheet
510Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
APRIL 2024
AFE3256 TI2-AFE3256 Datasheet
478Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED APRIL 2024
AFE3256TFU TI1-AFE3256TFU Datasheet
510Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
APRIL 2024
AFE3256TFU TI2-AFE3256TFU Datasheet
478Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED APRIL 2024
AFE3256TFU.A TI2-AFE3256TFU.A Datasheet
478Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
REVISED APRIL 2024
More results


Similar Description - AFE3256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
VSP2560 TI1-VSP2560 Datasheet
670Kb / 32P
CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
256-Channel, analog front-end for digital X-ray, flat-panel detectors
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com