Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE3256 Datasheet (PDF) - Texas Instruments

AFE3256 Datasheet PDF - Texas Instruments
Part # AFE3256
Download  AFE3256 Download
File Size   478.25 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors

AFE3256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE3256 Datasheet PDF - Texas Instruments

Part # AFE3256
Download  AFE3256 Click to download

File Size   478.25 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors

AFE3256 Datasheet (HTML) - Texas Instruments


AFE3256 Product details

1 Features
• 256 channels
• On-chip, 16-bit ADC
• High performance:
– Noise: 440 electrons RMS
(1.2-pC input charge range)
– Low correlated noise
– Full-channel integral nonlinearity:
±2 LSB at 16 bit
– Scan time: < 16 μs to 204.8 μs
• Integration:
– Programmable full-scale input charge range:
0.3pC to 12.5pC with resolution of 0.3pC
– Internal timing generator (TG)
– Built-in correlated double sampler
– Software programmable electron or hole
integration mode
– Pipelined integrate-and-read for improved
throughput—data-read during integration
– Serial LVDS output
– On-chip temperature sensor
• Simple power supply scheme:
– Single 1.85V power supply operation
• Multiple power modes with power consumption
ranging from 1mW/ch to 2mW/ch
• Power-down modes: sleep and standby
• Binning mode support
• Custom chip-on-film (COF) packages

2 Applications
• Flat-panel, X-ray detectors
• Charge detectors
• Capacitance measurement

3 Description
The AFE3256 is a 256-channel, analog front-end
(AFE) designed to suit the requirements of flat-panel
detector (FPD) based digital X-ray systems. The
device includes 256 integrators, correlated double
samplers (CDSs) with dual banking, and 256:2 analog
multiplexers. The device also features two 16-bit
successive-approximation register (SAR) analog-todigital
converters (ADCs). Serial data from the ADCs
are available in low-voltage differential signaling
(LVDS) format.
The device, also commonly referred to as a readout
integrated circuit (ROIC), optimizes the overall system
performance using features such as multiple power
modes and in-system debug options.
The sleep and standby modes enable substantial
power saving which is critical for battery-powered
systems.




Similar Part No. - AFE3256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
AFE3256 TI1-AFE3256 Datasheet
510Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
APRIL 2024
AFE3256TFU TI-AFE3256TFU Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
AFE3256TFU TI1-AFE3256TFU Datasheet
510Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
APRIL 2024
AFE3256TFV TI1-AFE3256TFV Datasheet
510Kb / 7P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
APRIL 2024
More results


Similar Description - AFE3256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
256-Channel, analog front-end for digital X-ray, flat-panel detectors
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com