Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC44273 Datasheet (PDF) - Texas Instruments

UCC44273 Datasheet PDF - Texas Instruments
Part # UCC44273
Download  UCC44273 Download
File Size   1460.28 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC44273 4-A, 4-A Single-Channel Low-Side Driver with 5-V UVLO

UCC44273 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC44273 Datasheet PDF - Texas Instruments

Part # UCC44273
Download  UCC44273 Click to download

File Size   1460.28 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC44273 4-A, 4-A Single-Channel Low-Side Driver with 5-V UVLO

UCC44273 Datasheet (HTML) - Texas Instruments


UCC44273 Product details

1 Features
• 5-pin DBV (SOT-23) package option
• Industry standard pinout
• 4-A peak source and sink symmetrical drive
• Ability to handle negative voltages (–5 V) at inputs
• Fast propagation delays (13 ns typical)
• Fast rise and fall times (9 ns and 7 ns typical)
• 4.5-V to 18-V single supply range
• Outputs held low during VDD UVLO (ensures
glitch-free operation at power up and power down)
• TTL and CMOS compatible input-logic threshold
(independent of supply voltage)
• Hysteretic-logic thresholds for high-noise immunity
• Output held low when input pin is floating
• Input pin absolute maximum voltage levels not
restricted by VDD pin bias supply voltage
• Operating temperature range of –40°C to 140°C

2 Applications
• Power factor correction (PFC) stages
• Residential air conditioning (HVAC)
• Switch-mode power supplies
• Motor drives

3 Description
The UCC44273 single-channel, high-speed, low-side
gate driver device is capable of effectively driving
MOSFET and IGBT power switches. Using a design
that inherently minimizes shoot-through current, the
UCC44273 is capable of sourcing and sinking high
peak-current pulses into capacitive loads offering
rail-to-rail drive capability and extremely small
propagation delay typically 13 ns.
The UCC44273 device is capable of handling –5 V at
the input pins. The UCC44273 provides 4-A source
and 4-A sink (symmetrical drive) peak-drive current
capability at VDD = 12 V.
The UCC44273 is designed to operate over a wide
VDD range of 4.5 V to 18 V and wide temperature
range of –40°C to 140°C. Internal Undervoltage
Lockout (UVLO) circuitry on VDD pin holds output low
outside VDD operating range.
The input pin threshold of the UCC44273 device is
based on TTL and CMOS compatible low-voltage
logic which is fixed and independent of the VDD
supply voltage. Wide hysteresis between the high and
low thresholds offers excellent noise immunity.




Similar Part No. - UCC44273

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
UCC44273DBVR-TP TECHPUBLIC-UCC44273DBVR-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
More results


Similar Description - UCC44273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
logo
Analog Devices
ADP2380 AD-ADP2380 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
logo
Texas Instruments
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
logo
Fairchild Semiconductor
FAN3180 FAIRCHILD-FAN3180 Datasheet
1Mb / 18P
Single 2-A Low-Side Driver with 3.3-V LDO
logo
Texas Instruments
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
logo
Infineon Technologies A...
2EDN7424 INFINEON-2EDN7424 Datasheet
793Kb / 24P
Fast Dual Channel 4 A Low-Side Gate Driver
Revision 2.0 2016-11-09
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com