Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2380 Datasheet (PDF) - Analog Devices

ADP2380 Datasheet PDF - Analog Devices
Part # ADP2380
Download  ADP2380 Download
File Size   931.21 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver

ADP2380 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2380 Datasheet PDF - Analog Devices

Part # ADP2380
Download  ADP2380 Click to download

File Size   931.21 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver

ADP2380 Datasheet (HTML) - Analog Devices


ADP2380 Product details

GENERAL DESCRIPTION
The ADP2380 is a current mode control, synchronous, step-down, dc-to-dc regulator. It integrates a 44 mΩ high-side power MOSFET and a low-side driver to provide a high efficiency solution. The ADP2380 runs from an input voltage of 4.5 V to 20 V and can deliver 4 A of output current. The output voltage can be adjusted to 0.6 V to 90% of the input voltage. The switching frequency of the ADP2380 can be programmed from 250 kHz to 1.4 MHz or fixed at 290 kHz or 540 kHz. The synchronization function allows the switching frequency to be synchronized to an external clock to minimize system noise.

FEATURES
   Input voltage: 4.5 V to 20 V
   Integrated 44 mΩ high-side MOSFET
   0.6 V ± 1% reference voltage over temperature
   Continuous output current: 4 A
   Programmable switching frequency: 250 kHz to 1.4 MHz
   Synchronizes to external clock: 250 kHz to 1.4 MHz
   180° out-of-phase synchronization
   Programmable UVLO
   Power-good output
   External compensation
   Internal soft start with external adjustable option
   Startup into a precharged output
   Supported by ADIsimPower design tool

APPLICATIONS
   Communications infrastructure
   Networking and servers
   Industrial and instrumentation
   Healthcare and medical
   Intermediate power rail conversion
   DC-to-dc point of load application




Similar Part No. - ADP2380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2381-EVALZ AD-ADP2381-EVALZ Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2381AREZ AD-ADP2381AREZ Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2381AREZ-R7 AD-ADP2381AREZ-R7 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
More results


Similar Description - ADP2380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
2Mb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
38 V, 2 A synchronous step-down switching regulator
13-May-2015
logo
Texas Instruments
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com