Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063AM Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

34063AM Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # 34063AM
Download  34063AM Download
File Size   215.62 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER

34063AM Datasheet (PDF)

Go To PDF Page Download Datasheet
34063AM Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # 34063AM
Download  34063AM Click to download

File Size   215.62 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER

34063AM Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


34063AM Product details

General Description

The AZ34063A is a monolithic switching regulator

control circuit which contains the primary functions

required for DC-DC converters. This device consists

of internal temperature compensated reference, voltage

comparator, controlled duty cycle oscillator with active

current limit circuit, driver and high current output

switch.



Features

• Operation from 3.0V to 36V Input

• Low Standby Current

• Current Limiting

• Output Switch Current to 1.5A

• Output Voltage Adjustable

• Operation Frequency up to 180KHz

• Precision 2% Reference



Applications

· Battery Chargers

· ADSL Modems

· Hubs

· Negative Voltage Power Supplies




Similar Part No. - 34063AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Estek Electronics Co. L...
34063A ESTEK-34063A Datasheet
455Kb / 7P
monolithic control circuit containing the primary functions required for DC-to-DC converters
34063A ESTEK-34063A Datasheet
826Kb / 7P
Operation from 3.0 V to 40 V Input
REV No:01-060810
logo
System Logic Semiconduc...
34063AD SLS-34063AD Datasheet
73Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
List of Unclassifed Man...
34063AD ETC-34063AD Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
More results


Similar Description - 34063AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com