Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3843CP Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

3843CP Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # 3843CP
Download  3843CP Download
File Size   176.49 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description CURRENT MODE PWM CONTROLLER

3843CP Datasheet (PDF)

Go To PDF Page Download Datasheet
3843CP Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # 3843CP
Download  3843CP Click to download

File Size   176.49 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description CURRENT MODE PWM CONTROLLER

3843CP Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


3843CP Product details

General Description
The AP3842C/3C/4C/5C are high performance fixed frequency current-mode PWM controller series.
   
Features
• Low Start-up Current: 50µA
• Robust VREF Line/Load Regulation
    Low Line Regulation : 4mV
    Low Load Regulation : 4mV
• High Stability of Reference Voltage over a Full
    Temperature Range: 0.2mV/ oC
• Operating Frequency up to 500KHz
• High PWM Frequency Stability over a Full Temperature Range: 2.5%
• High PWM Frequency Stability under a Full Supply Voltage Range: 0.2%
• Accurate Over-temperature Protection with Hysteresis
• UVLO with Hysteresis
   
Applications
• Off-line Converter
• DC-DC Converter
• Voltage Adapter
• CRT Monitor Power Supply
• Desktop Power Supply
• DVD/STB Power Supply
   




Similar Part No. - 3843CP

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3843 POMONA-3843 Datasheet
19Kb / 1P
Adapter Type N, (M-F) Right Angle
logo
Adafruit Industries
3843 ADAFRUIT-3843 Datasheet
1,022Kb / 2P
DC Motor Plastic Mount - 130 Size / 20mm Diameter
7-13-18
logo
Belden Inc.
38430 BELDEN-38430 Datasheet
403Kb / 3P
PROFIBUS Data Single-Ended Cordset
logo
ERNI Electronics
384339 ERNI-384339 Datasheet
107Kb / 1P
Federleiste E 48 EE
logo
List of Unclassifed Man...
38433M200N082V ETC2-38433M200N082V Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
More results


Similar Description - 3843CP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC2846J TI-UC2846J Datasheet
463Kb / 8P
Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com