Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC900 Datasheet (PDF) - Honeywell Solid State Electronics Center

HC900 Datasheet PDF - Honeywell Solid State Electronics Center
Part # HC900
Download  HC900 Download
File Size   677.79 Kbytes
Page   26 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description ControlEdge HC900 Controller Specifications

HC900 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC900 Datasheet PDF - Honeywell Solid State Electronics Center

Part # HC900
Download  HC900 Click to download

File Size   677.79 Kbytes
Page   26 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description ControlEdge HC900 Controller Specifications

HC900 Datasheet (HTML) - Honeywell Solid State Electronics Center


HC900 Product details

Applications
Mining & Metals Furnaces, Kilns, Boilers
Chemicals, Extruders Autoclaves
Pharmaceuticals Sterilizers, Dryers
Rail/ Infrastructure Burner Management,
HVAC/ DataCenters Combustion Control
Pulp & Paper Emergency Shutdown
Cement & Glass Pipeline Monitoring,
Power Spill Prevention

Features Summary
• Supports Split Rack Redundancy
• Supports Honeywell FDM (Field Device Manager)
using HART IP
• Supports HART function blocks (Command 3 and 48)
Note: UIO Module is required for HART support
• Non-redundant and Redundant Architectures
• Sequence of events support (SOE)
• Redundant and Non-redundant Safety Universal IO
• PID Control with advanced Accutune III auto-tuning
• Safety peer communication between ControlEdge
HC900 controllers
• External watchdog timer with independent clocks
that detect spurious CPU lockups
• Adjustable recipe pool memory lets you allocate
memory for recipes, SP Profiles, sequences and
schedules to meet your needs
• Up to 4608 points with remote I/O
• Boolean Logic programming. Robust assortment of
over 100 algorithms
Features Summary, continued ..
• Advanced Floating Point Math Functions.
• Extensive alarm and event monitoring
• Up to 2304 galvanically Isolated, Analog Inputs
• Up to 1008 redundant UIO points
• New I/O voting and output validation function
blocks.
• Remote I/O Racks with wire for extended
distance.
• Star or Ring topology on IO network using
recommended switches
• Scanner and I/O Insert/Remove under power
• LED on/off indicators on digital I/O
• Graphic Function Block Configuration
• Open 10MB or 10/100MB Ethernet interface using
Modbus/TCP. Peer-to-peer communications via
Ethernet
• E-mail alarm/event messaging on priority
• Ramp/Soak Setpoint Programmers
• Setpoint Schedulers with multiple outputs
• Sequencers with 16 Outputs each
• Modbus read/write parameters assignable to either
fixed or custom addresses for access by HMI or
supervisory software.
• Modbus TCP Initiator
• Gas flow function blocks per American Gas
Association specs. (non-Safety configurations
only).
• Calendar block for triggering events
• Non-interfering process/safety worksheets capable
of handling process and safety configurations.
• Built in Version Control
• Fast updates - 10 ms digital and UIO (900U02-
xxxx) 100ms analog capable
Note: Low Level AI updates @ 0.5 sec.




Similar Part No. - HC900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC908AP64AD NXP-HC908AP64AD Datasheet
61Kb / 2P
Addendum to MC68HC908AP64 Data Sheet, Rev. 2.5
Rev. 0, 2/2005
HC908AS60AD NXP-HC908AS60AD Datasheet
232Kb / 4P
Addendum to MC68HC908AS60 Technical Data
11/2001
HC908AS60AD/D NXP-HC908AS60AD/D Datasheet
232Kb / 4P
Addendum to MC68HC908AS60 Technical Data
11/2001
HC908BD48AD/D NXP-HC908BD48AD/D Datasheet
229Kb / 2P
MC68HC908BD48 Technical Data
Rev. 1.0
HC908GP20AD NXP-HC908GP20AD Datasheet
236Kb / 4P
Addendum to MC68HC908GP20 Advance Information
Rev. 1, 11/2001
More results


Similar Description - HC900

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
Graphics Controller Hardware Specifications
MB86294 FUJITSU-MB86294 Datasheet
1Mb / 305P
Grraphiics Controller specifications
logo
Motorola, Inc
XPC850ZT50BU MOTOROLA-XPC850ZT50BU Datasheet
778Kb / 76P
Communications Controller Hardware Specifications
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
Communications Controller Hardware Specifications
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
MC92460EC NXP-MC92460EC Datasheet
185Kb / 16P
MC92460 HDLC Controller Hardware Specifications
Rev. 1.0, 5/2002
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com