Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES8328 Datasheet (PDF) - Suzhou Everest Semiconductor Co. Ltd.

ES8328 Datasheet PDF - Suzhou Everest Semiconductor Co. Ltd.
Part # ES8328
Download  ES8328 Download
File Size   527.65 Kbytes
Page   37 Pages
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.
Description Low Power Stereo Audio CODEC With Headphone Amplifier

ES8328 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES8328 Datasheet PDF - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8328
Download  ES8328 Click to download

File Size   527.65 Kbytes
Page   37 Pages
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.
Description Low Power Stereo Audio CODEC With Headphone Amplifier

ES8328 Datasheet (HTML) - Suzhou Everest Semiconductor Co. Ltd.


ES8328 Product details

FEATURES
ADC
• 24-bit, 8 kHz to 96 kHz sampling frequency
• 95 dB dynamic range, 95 dB signal to noise ratio,
-85 dB THD+N
• Stereo or mono microphone interface with
microphone amplifier
• Auto level control and noise gate
• 3-to-1 analog input selection
• Various analog input mixing and gains
DAC
• 24-bit, 8 kHz to 96 kHz sampling frequency
• 96 dB dynamic range, 96 dB signal to noise ratio,
-83 dB THD+N
• 40 mW headphone amplifier, pop noise free,
capless option
• Stereo enhancement
• Bass and Treble
• Various analog output mixing and gains
Low Power
• 1.8V to 3.3V operation
• 7 mW playback; 16 mW playback and record
System
• I2C or SPI uC interface
• 256Fs, 384Fs, USB 12 MHz or 24 MHz
• Master or slave serial port
• I2S, Left Justified, DSP/PCM Mode




Similar Part No. - ES8328

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
Low Power Audio CODEC
More results


Similar Description - ES8328

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
Low Power Stereo Audio CODEC With Headphone Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com