Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5750 Datasheet (PDF) - Protek Devices

PA5750 Datasheet PDF - Protek Devices
Part # PA5750
Download  PA5750 Download
File Size   300.67 Kbytes
Page   30 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.

PA5750 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA5750 Datasheet PDF - Protek Devices

Part # PA5750
Download  PA5750 Click to download

File Size   300.67 Kbytes
Page   30 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.

PA5750 Datasheet (HTML) - Protek Devices


PA5750 Product details

DESCRIPTION
The PA5750 is a high performance, low power and low cost Audio CODEC.
It consists of 2-channel ADC, 2-channel DAC, microphone amplifier, Speaker amplifier, headset amplifier, digital enhancements and analog mixing and amplification functions.

FEATURES
ADC
• 24-bit, 8 – 96 kHz sampling frequency
• 92dB dynamic range, 92dB signal to noise ratio, -85dB THD+N
• Stereo or Mono microphone interface with microphone amplifier
• Auto level control and noise gate
• 3 to1 analog input selection
• Analog input mixers and amplifiers

DAC
• 24-bit, 8 – 96 kHz sampling frequency
• 93dB dynamic range, 93dB signal to noise ratio, -81dB THD+N
• 500mWatt speaker amplifier
• 40mWatt headphone option, pop free, capless opt.
• Stereo enhancement
• Bass and Treble
• Analog output mixers and amplifiers

Low Power
• 1.8 to 3.3Volt operation
• 7mWatt playback, 16mWatt playback and record.

System
• I2C or SPI µC interface
• Headphone Detector
• 256Fs, 384Fs, USB 12MHz or 24MHz
• Master or Slave serial port
• I2S, Left Justified, DSP/PCM Mode

APPLICATIONS
• MP3 Players / Recorders
• AAC/WMA/Multi Format Players
• Portable Digital Music Systems
• GPS
• Bluetooth




Similar Part No. - PA5750

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
High Voltage LED Driver
logo
NEC
PA572WG NEC-PA572WG Datasheet
593Kb / 2P
NEC Professional Installation Projector
More results


Similar Description - PA5750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Analog Devices
ADAU1373 AD-ADAU1373 Datasheet
7Mb / 296P
Low Power Codec with Speaker and Headphone Amplifier
REV. 0
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
Low Power Stereo Audio CODEC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com