Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5711 Datasheet (PDF) - Protek Devices

PA5711 Datasheet PDF - Protek Devices
Part # PA5711
Download  PA5711 Download
File Size   302.04 Kbytes
Page   8 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description High Voltage LED Driver

PA5711 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA5711 Datasheet PDF - Protek Devices

Part # PA5711
Download  PA5711 Click to download

File Size   302.04 Kbytes
Page   8 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description High Voltage LED Driver

PA5711 Datasheet (HTML) - Protek Devices


PA5711 Product details

GENERAL DESCRIPTION
The PA5711 is a High-Efficiency LED driver with multiple dimming options that include Pulse Width Modulation (PWM), Linear dimming (LD), Motion Detection (MD) and Light sense (LS) inputs. PA5711 features a direct gate driver control through an active high enable pin. It has an internal oscillator whose frequency can be set externally through a resistor.

FEATURES
• 11V to 480V Input Voltage Range.
• Over 95% Efficiency.
• Drives from 1 to hundreds of LED’s in Serial and Parallel
   combinations.
• Constant LED Drive current.
• Linear or PWM luminance dimming control.
• Light sense and Motion detection inputs to control the
   LED’s.
• Resistor Programmable Oscillator Frequency.
• QFN-16 RoHs Compliant Package.

APPLICATIONS
• General Illumination Displays
• Industrial and Decorative LED Lighting.
• Automotive applications.
• DC/DC or AC/DC LED driver applications.
• Constant current source.
• SMPS switching controller.
• LED back lighting.
• Security, Street and Parking garage lighting.




Similar Part No. - PA5711

ManufacturerPart #DatasheetDescription
logo
NEC
PA572WG NEC-PA572WG Datasheet
593Kb / 2P
NEC Professional Installation Projector
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
More results


Similar Description - PA5711

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
29V High Voltage LED Driver
logo
Alpha & Omega Semicondu...
AOZ1977 AOSMD-AOZ1977 Datasheet
815Kb / 16P
High Voltage LED Driver IC
AOZ1977-1 AOSMD-AOZ1977-1 Datasheet
589Kb / 16P
High Voltage LED Driver IC
logo
IK Semicon Co., Ltd
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
HIGH-VOLTAGE LED DRIVER
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
UNIVERSAL HIGH VOLTAGE LED DRIVER
Rev 1
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
High Voltage Series LED Driver
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
High Voltage LED Lighting Driver
logo
MagnaChip Semiconductor...
MAP9000 MGCHIP-MAP9000 Datasheet
648Kb / 9P
High Voltage AC LED Driver
MAP9001 MGCHIP-MAP9001 Datasheet
835Kb / 11P
High Voltage AC LED Driver
logo
Maxic Technology Corpor...
MT7607H MAXIC-MT7607H Datasheet
97Kb / 1P
High Voltage Linear LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com