Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80P Datasheet (PDF) - Endress+Hauser Group Services AG

80P Datasheet PDF - Endress+Hauser Group Services AG
Part # 80P
Download  80P Download
File Size   334.0 Kbytes
Page   11 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Promass 80P

80P Datasheet (PDF)

Go To PDF Page Download Datasheet
80P Datasheet PDF - Endress+Hauser Group Services AG

Part # 80P
Download  80P Click to download

File Size   334.0 Kbytes
Page   11 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Promass 80P

80P Datasheet (HTML) - Endress+Hauser Group Services AG


80P Product details

• Highest process quality – fully compliant to industry requirements
• Fewer process measuring points – multivariable measurement (flow,
density, temperature)
• Space-saving installation – no in/outlet run needs
• Cost-effective – dedicated design for standard applications
• Safe operation – display provides easy readable process information
• Fully industry compliant – IEC/EN/NAMUR

Sensor features
Highest process quality – fully compliant to industry requirements. Fewer
process measuring points – multivariable measurement (flow, density,
temperature). Space‐saving installation – no in/outlet run needs. ASME
BPE, 3-A and EHEDG conform & low delta ferrite. Electropolished
measuring tube in 1.4435 (316L).

Transmitter features
Cost‐effective – dedicated design for standard applications. Safe
operation – display provides easy readable process information. Fully
industry compliant – IEC/EN/NAMUR. 2‐line backlit display with push
buttons. Device in compact or remote version.




Similar Part No. - 80P

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
80P-JMDSS-G-1-TF JST-80P-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
Renesas Technology Corp
80P6 RENESAS-80P6 Datasheet
107Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
80P6S RENESAS-80P6S Datasheet
107Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
logo
TRANSYS Electronics Lim...
80PF-120 TEL-80PF-120 Datasheet
202Kb / 1P
STANDARD RECOVERY DIODE
80PF-40 TEL-80PF-40 Datasheet
202Kb / 1P
STANDARD RECOVERY DIODE
More results


Similar Description - 80P

ManufacturerPart #DatasheetDescription
logo
Tensility International...
30-00008 TENSILITY-30-00008 Datasheet
350Kb / 2P
Wire, 2C, 22 AWG, UL2468, 300V, 80C, 3.6mm, PVC, 80P
logo
HARTING Technology Grou...
15040802001000 HARTING-15040802001000 Datasheet
459Kb / 3P
har-flex HD-Card Edge 80p PL1 200pcs
2023-04-07
15040802401000 HARTING-15040802401000 Datasheet
460Kb / 3P
har-flex HD-Card Edge 80p THR PL1 200pcs
2023-04-07
15040802601000 HARTING-15040802601000 Datasheet
459Kb / 3P
har-flex HD-Card Edge 80p SMT PL1 200pcs
2023-04-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com