Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80P Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # 80P
Description  Promass 80P
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

80P Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  80P Datasheet HTML 1Page - Endress+Hauser Group Services AG 80P Datasheet HTML 2Page - Endress+Hauser Group Services AG 80P Datasheet HTML 3Page - Endress+Hauser Group Services AG 80P Datasheet HTML 4Page - Endress+Hauser Group Services AG 80P Datasheet HTML 5Page - Endress+Hauser Group Services AG 80P Datasheet HTML 6Page - Endress+Hauser Group Services AG 80P Datasheet HTML 7Page - Endress+Hauser Group Services AG 80P Datasheet HTML 8Page - Endress+Hauser Group Services AG 80P Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Promass 80P
Endress+Hauser
Power supply
DC 16 to 62 V
AC 85 to 260 V (45 to 65 Hz)
AC 20 to 55 V (45 to 65 Hz)
Hazardous area approvals
ATEX, IECEx, FM, CSA, NEPSI
Other approvals and certificates
3.1 material, calibration performed on accredited calibration facilities
(acc. to ISO/IEC 17025), NAMUR, SIL
PED, CRN
3-A, FDA, ASME BPE, ISPE
Product safety
CE, C-tick, EAC marking
Functional safety
Functional safety according to IEC 61508, applicable in safety-relevant
applications in accordance with IEC 61511
Metrological approvals and certificates
Calibration performed on accredited calibration facilities (acc. to ISO/IEC
17025), NAMUR
Pressure approvals and certificates
PED, CRN
Material certificates
3.1 material
Hygienic approvals and certificates
3-A, FDA, ASME BPE, ISPE
Liquids
Gas
측정 원리
Coriolis
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com