Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOF400F Datasheet (PDF) - List of Unclassifed Manufacturers

TOF400F Datasheet PDF - List of Unclassifed Manufacturers
Part # TOF400F
Download  TOF400F Download
File Size   4423.24 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Time-of-Flight ranging Sensor-4M

TOF400F Datasheet (PDF)

Go To PDF Page Download Datasheet
TOF400F Datasheet PDF - List of Unclassifed Manufacturers

Part # TOF400F
Download  TOF400F Click to download

File Size   4423.24 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Time-of-Flight ranging Sensor-4M

TOF400F Datasheet (HTML) - List of Unclassifed Manufacturers


TOF400F Product details

1、Descriptiion
TOF400F ranging sensor is a laser ranging module designed and manufactured based on VL53L1, which
provides accurate and repeatable long-distance measurement functions. Thanks to its internal integrated
leading SPAD array (single photon avalanche diode) and second-generation FlightSense technology, it can
achieve higher ranging distances, more accurate measurement results and higher ambient light immunity.
TFO400F supports serial port mode, serial port simulation Modbus mode, and IIC mode at the same
time, which is well adapted to various application scenarios.
It is equipped with a host computer for easy debugging.
TOF400F has a range of up to 4m, and can select high-precision or long-distance test modes according
to requirements, making it more flexible. The ranges are as follows:

Features
・ The 940nm laser meets the Class 1 operating
conditions specified in the third edition of IEC 60825-
1:2014
・Sensor size (18X17X6.5mm)
・ The maximum measurement distance indoors can
reach 2 meters, and the accuracy is within 5%
・ The measurement range has nothing to do with the
reflectivity of the target object
・ Can work in high infrared light environment
・ High optical crosstalk compensation
・ Measurement time is less than 30ms
・ Lead-free
・ No need for additional optics
・ Single power supply
・ Standard TTL level serial port I2C
・ High optical crosstalk compensation

Applications
・ High-speed autofocus
・ Video continuous auto focus
・ User detection of computers and other
equipment
・ Obstacle detection
・ Automatic gesture recognition of white
goods (such as faucets, refrigerators, etc.)




Similar Part No. - TOF400F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
TOF016010 VISHAY-TOF016010 Datasheet
86Kb / 5P
RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
17-Feb-17
TOF016010 VISHAY-TOF016010_17 Datasheet
86Kb / 5P
RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
17-Feb-17
TOF025016 VISHAY-TOF025016 Datasheet
127Kb / 3P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
More results


Similar Description - TOF400F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
STMicroelectronics
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
STMicroelectronics
VL53L3CX STMICROELECTRONICS-VL53L3CX Datasheet
1Mb / 35P
Time-of-Flight ranging sensor with multi target detection
Feb-2020
VL53L3CX-SATEL STMICROELECTRONICS-VL53L3CX-SATEL Datasheet
2Mb / 6P
VL53L3CX breakout board Time-of-Flight ranging sensor with multi target
06-Apr-2020
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
VL53L5CX STMICROELECTRONICS-VL53L5CX Datasheet
3Mb / 38P
Time-of-Flight 8x8 multizone ranging sensor with wide field of view
20-Jul-2022
VL53L7CX STMICROELECTRONICS-VL53L7CX Datasheet
3Mb / 40P
Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
12-Sep-2022
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com