Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L7CX Datasheet (PDF) - STMicroelectronics

VL53L7CX Datasheet PDF - STMicroelectronics
Part # VL53L7CX
Download  VL53L7CX Download
File Size   3092.23 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Time-of-Flight 8x8 multizone ranging sensor with 90 FoV

VL53L7CX Datasheet (PDF)

Go To PDF Page Download Datasheet
VL53L7CX Datasheet PDF - STMicroelectronics

Part # VL53L7CX
Download  VL53L7CX Click to download

File Size   3092.23 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Time-of-Flight 8x8 multizone ranging sensor with 90 FoV

VL53L7CX Datasheet (HTML) - STMicroelectronics


VL53L7CX Product details

Features
• Fast and accurate multizone distance ranging sensor with 90° wide FoV
– 60° x 60° square field of view (FoV) (90° diagonal)
– Multizone ranging output with either 4x4 or 8x8 separate zones
– Autonomous Low-power mode with interrupt programmable threshold to
wake up the host
– Up to 350 cm ranging
– Multitarget detection and distance measurement in each zone
– 60 Hz frame rate capability
– Histogram processing and algorithmic compensation minimizes or removes
impact of cover glass crosstalk
– Motion indicator for each zone to show if targets have moved and how they
have moved
• Fully integrated miniature module
– Emitter: 940 nm invisible light vertical cavity surface emitting laser (VCSEL)
and integrated analog driver
– Diffractive optical elements (DOE) on both transmitter and receiver
enabling square FoV
– Receiving array of single photon avalanche diodes (SPADs)
– Low-power microcontroller running firmware
– Size: 6.4 x 3.0 x 1.6 mm
• Easy integration
– Single reflowable component
– Flexible power supply options, single 3.3 V or 2.8 V operation or
combination of either 3.3 V or 2.8 V AVDD with 1.8 V IOVDD
– Compatible with wide range of cover glass materials
– Pin-to-pin and driver compatible with VL53L5CX

Description
Specially designed for applications requiring an ultrawide FoV, the VL53L7CX Time-of-Flight sensor offers a 90°
diagonal FoV. Based on ST's FlightSense technology, the VL53L7CX incorporates an efficient metasurface lens
(DOE) placed on the laser emitter enabling the projection of a 60° x 60° square FoV onto the scene.
Its multizone capability provides a matrix of 8x8 zones (64 zones) and can work at fast speeds (60 Hz) up to
350 cm.
Thanks to the autonomous mode with programmable distance threshold combined to the ultrawide FoV, the
VL53L7CX is perfect for any application requiring low-power user detection. ST's patented algorithms and
innovative module construction allow the VL53L7CX to detect, in each zone, multiple objects within the FoV
with depth understanding. ST histogram algorithms ensure cover glass crosstalk immunity beyond 60 cm.
Derived from the VL53L5CX, the pinouts and drivers of both sensors are compatible, which ensures a simple
migration from one sensor to the other.
Like all Time-of-Flight (ToF) sensors based on ST's FlightSense technology, the VL53L7CX records, in each zone,
an absolute distance regardless of the target color and reflectance.
Housed in a miniature reflowable package that integrates a SPAD array, the VL53L7CX achieves the best ranging
performance in various ambient lighting conditions, and for a wide range of cover glass materials.
All of ST's ToF sensors integrate a VCSEL that emits a fully invisible 940 nm IR light, which is totally safe for the
eyes (Class 1 certification).
The VL53L7CX is the perfect sensor for any application requiring ultrawide FoV like robotics, smart speakers,
video projectors, content management. The combination of the multizone capability and the 90° FoV can enhance
new use-cases like gesture recognition, SLAM for robotics, and low power system activation for smart building.

Application
• Ultra wide FoV and multizone scanning allows content management (load in
trucks, tanks, waste bins)
• Applications requiring ultrawide FoV, like smart speakers, vacuum cleaners
(three sensors can cover 180° x 60° FoV)
• Gesture recognition with wide field of detection
• Devices requiring ultrawide FoV for user detection to wake-up devices (smart
buildings, smart lighting)
• Keystone correction for video projectors
• Robotics applications (SLAM, wall tracking, small object detection, cliff
prediction, floor type recognition)
• Augmented reality/virtual reality (AR/VR) enhancement. Dual camera
stereoscopy and 3D depth assistance thanks to multizone distance
measurement
• IoT (user and object detection)
• Video focus tracking. 60 Hz ranging allows optimization of continuous focus
algorithm




Similar Part No. - VL53L7CX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L0CXV0DH STMICROELECTRONICS-VL53L0CXV0DH Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L0CXV0DH/1 STMICROELECTRONICS-VL53L0CXV0DH/1 Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 39P
New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
27-Jun-2022
More results


Similar Description - VL53L7CX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L3CX STMICROELECTRONICS-VL53L3CX Datasheet
1Mb / 35P
Time-of-Flight ranging sensor with multi target detection
Feb-2020
VL53L3CX-SATEL STMICROELECTRONICS-VL53L3CX-SATEL Datasheet
2Mb / 6P
VL53L3CX breakout board Time-of-Flight ranging sensor with multi target
06-Apr-2020
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
VL53L5CX STMICROELECTRONICS-VL53L5CX Datasheet
3Mb / 38P
Time-of-Flight 8x8 multizone ranging sensor with wide field of view
20-Jul-2022
VL53L8CX STMICROELECTRONICS-VL53L8CX Datasheet
3Mb / 42P
Low-power high-performance 8x8 multizone Time-of-Flight sensor
16-Mar-2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
logo
STMicroelectronics
VL53L8CH STMICROELECTRONICS-VL53L8CH Datasheet
3Mb / 44P
Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
08-Aug-2023
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com