Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L8CH Datasheet (PDF) - STMicroelectronics

VL53L8CH Datasheet PDF - STMicroelectronics
Part # VL53L8CH
Download  VL53L8CH Download
File Size   3872.15 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor

VL53L8CH Datasheet (PDF)

Go To PDF Page Download Datasheet
VL53L8CH Datasheet PDF - STMicroelectronics

Part # VL53L8CH
Download  VL53L8CH Click to download

File Size   3872.15 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor

VL53L8CH Datasheet (HTML) - STMicroelectronics


VL53L8CH Product details

Features
• Compact and normalized histogram (CNH) data output for AI
– Multizone data output up to 64 separate zones
– Histogram output with signal count for each bin
– Histogram size programmable up to 128 bins
– Minimum bin width down to 37 mm
– Maximum frequency up to 30 Hz through I²C or SPI
– Ambient IR light level reported for each zone
– All Time-of-Flight (ToF) processed data (distance, signal amplitude,
reflectance etc.) are available, in addition to CNH
• Highly configurable CNH in order to meet user expectations
– 64 zones with 18 bins at 15 Hz
– 32 zones with 36 bins at 15 Hz
– 16 zones with 48 bins at 25 Hz
• Wide ToF sensor with 65° field of view (FoV)
– 45° x 45° square FoV (65° diagonal)
– Autonomous low-power mode with interrupt programmable thresholds to
wake up the host
– Up to 400 cm ranging
– Motion indicator for each zone to detect if targets have moved and how
they have moved
• Fully integrated miniature module
– Emitter: 940 nm invisible-light vertical-cavity surface-emitting laser
(VCSEL)
– Diffractive optical elements (DOE) on both transmitter and receiver
enabling square FoV
– Receiving array of single photon avalanche diodes (SPADs)
– Low-power microcontroller running firmware
– Size: 6.4 x 3.0 x 1.75 mm
• Easy integration
– Single reflowable component
– Requires 1.8 V core supply and 3.3 V AVDD supply
– Optional 1.2 V or 1.8 V IOVDD interface voltage levels
– I²C (up to 1 MHz) or SPI (up to 3 MHz) interface
– Compatible with wide range of cover glass materials
– Driver compatible with VL53L7CH
– Pin-to-pin compatible with VL53L8CX




Similar Part No. - VL53L8CH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L8CA STMICROELECTRONICS-VL53L8CA Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
VL53L8CX STMICROELECTRONICS-VL53L8CX Datasheet
3Mb / 42P
Low-power high-performance 8x8 multizone Time-of-Flight sensor
16-Mar-2023
VL53L8CXV0GC/1 STMICROELECTRONICS-VL53L8CXV0GC/1 Datasheet
3Mb / 42P
Low-power high-performance 8x8 multizone Time-of-Flight sensor
16-Mar-2023
More results


Similar Description - VL53L8CH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501_15 Datasheet
120Kb / 2P
Time of Flight (ToF) Signal Processing IC
October 7, 2015
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501 Datasheet
553Kb / 23P
Time of Flight (ToF) Signal Processing IC
June 29, 2016
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501 Datasheet
1Mb / 22P
Time of Flight (ToF) Signal Processing IC
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501_V01 Datasheet
1,011Kb / 23P
Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
logo
STMicroelectronics
VL53L5CX STMICROELECTRONICS-VL53L5CX Datasheet
3Mb / 38P
Time-of-Flight 8x8 multizone ranging sensor with wide field of view
20-Jul-2022
VL53L7CX STMICROELECTRONICS-VL53L7CX Datasheet
3Mb / 40P
Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
12-Sep-2022
VL53L8CX STMICROELECTRONICS-VL53L8CX Datasheet
3Mb / 42P
Low-power high-performance 8x8 multizone Time-of-Flight sensor
16-Mar-2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com