Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L8CH Datasheet(PDF) 5 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 5 Page - STMicroelectronics

  VL53L8CH Datasheet HTML 1Page - STMicroelectronics VL53L8CH Datasheet HTML 2Page - STMicroelectronics VL53L8CH Datasheet HTML 3Page - STMicroelectronics VL53L8CH Datasheet HTML 4Page - STMicroelectronics VL53L8CH Datasheet HTML 5Page - STMicroelectronics VL53L8CH Datasheet HTML 6Page - STMicroelectronics VL53L8CH Datasheet HTML 7Page - STMicroelectronics VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Note:
The detection volume of Table 2. FoV angles has been measured with a white 88% reflectance perpendicular
target. This measurement was taken:
•
In full FoV
•
Located at 1 m from the sensor
•
Without ambient light (dark conditions)
•
With an 8x8 resolution
•
With a 14% sharpener (default value)
•
In continuous mode
•
At 15 Hz
2.3
Field of illumination
The VCSEL field of illumination (FoI) is shown in the figure below. The relative emitted signal power depends on
the FoI angle. It corresponds to:
•
43.4° x 43.4°, considering a beam with a 75% signal from the maximum.
•
57.9° x 57.9°, considering a beam with a 10% signal from the maximum.
Figure 2. VL53L8CH FoI
VL53L8CH
Field of illumination
DS14310 - Rev 3
page 5/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com