Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet (PDF) - STMicroelectronics

VL53L1 Datasheet PDF - STMicroelectronics
Part # VL53L1
Download  VL53L1 Download
File Size   1233.27 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection

VL53L1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VL53L1 Datasheet PDF - STMicroelectronics

Part # VL53L1
Download  VL53L1 Click to download

File Size   1233.27 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection

VL53L1 Datasheet (HTML) - STMicroelectronics


VL53L1 Product details

Features
 Fully integrated miniature module
– Emitter: 940 nm invisible laser (VCSEL)
and its analog driver
– Receiving array with integrated lens
– Low-power microcontroller running
advanced digital firmware
– Size: 4.9 x 2.5 x 1.56 mm
 Fast, accurate distance ranging
– 400 cm+ detection with full field of view
(FoV)
– 60 Hz ranging capable up to 300 cm
– Immune to coverglass cross-talk and
fingerprint smudge at long distance with
patented algorithms (direct ToF)
– Multi-object detection capability
– Multi-zone scanning with selectable array
(2x2, 3x3, 4x4, or defined by user through
software)
 Easy integration
– Reflowable component
– Single power supply 2v8
– Works with many types of cover glass
materials
– I²C interface (up to 1 MHz)
– Xshutdown (reset) and interrupt GPIO
– Full set of software driver (Linux® and
Android compatible) for turnkey ranging

Description
The VL53L1 is a state-of-the-art, Time-of-Flight (ToF), laser-ranging, miniature sensor enhancing STMicroelectronics’ FlightSense product family. Housed in a miniature and reflowable package, it integrates a single photon avalanche diode (SPAD) array, physical infrared filters and optics to achieve the best ranging performance in various ambient lighting conditions, with a wide range of cover windows.
Unlike conventional IR sensors, the VL53L1 uses ST’s latest generation direct ToF technology which allows absolute distance measurement whatever the target color and reflectance. It provides accurate ranging above 4 m and can work at fast speeds (60 Hz), which makes it the fastest miniature ToF sensor on the market.
With patented algorithms and ingenious module construction, the VL53L1 is also able to detect different objects within the field of view (FoV) with depth understanding at 60 Hz.
Scene browsing and multi-zone detection is now possible with the VL53L1, thanks to software customizable detection array for quicker “touch-to-focus” or mini depth-map use cases.

Applications
 Laser assisted auto-focus (AF): enhances the
camera AF system speed and robustness,
especially in difficult scenes (low light and low
contrast); ideal companion for PDAF sensors
 Video focus tracking assistance at 60 Hz
 Scene understanding with multi-object
detection: “choose the focus point”
 Dual camera stereoscopy and 3D depth
assistance thanks to multi-zone measurement
 Presence detection (autonomous timed mode),
typically to lock/unlock and power on/off
devices like notebooks, tablets or white goods




Similar Part No. - VL53L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
VL53L1CA STMICROELECTRONICS-VL53L1CA Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
VL53L1CXV0FY/1 STMICROELECTRONICS-VL53L1CXV0FY/1 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
More results


Similar Description - VL53L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
VL53L3CX STMICROELECTRONICS-VL53L3CX Datasheet
1Mb / 35P
Time-of-Flight ranging sensor with multi target detection
Feb-2020
VL53L3CX-SATEL STMICROELECTRONICS-VL53L3CX-SATEL Datasheet
2Mb / 6P
VL53L3CX breakout board Time-of-Flight ranging sensor with multi target
06-Apr-2020
X-NUCLEO-53L1A2 STMICROELECTRONICS-X-NUCLEO-53L1A2 Datasheet
928Kb / 7P
Time-of-Flight ranging sensor with multi object detection and programming FoV expansion board based on VL53L1 for STM32 Nucleo
23-Apr-2021
X-NUCLEO-53L3A2 STMICROELECTRONICS-X-NUCLEO-53L3A2 Datasheet
2Mb / 7P
Time-of-Flight ranging sensor with multi target detection expansion board based on VL53L3CX for STM32 Nucleo
23-Apr-2021
VL53L1X STMICROELECTRONICS-VL53L1X_V01 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
VL53L7CX STMICROELECTRONICS-VL53L7CX Datasheet
3Mb / 40P
Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
12-Sep-2022
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com