Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2323 Datasheet (PDF) - WISDOM INTERNATIONAL TECHNOLOGIES LIMITED

CSC2323 Datasheet PDF - WISDOM INTERNATIONAL TECHNOLOGIES LIMITED
Part # CSC2323
Download  CSC2323 Download
File Size   131.71 Kbytes
Page   4 Pages
Manufacturer  WISWOOD [WISDOM INTERNATIONAL TECHNOLOGIES LIMITED]
Direct Link  http://www.wiswood.com/
Logo WISWOOD - WISDOM INTERNATIONAL TECHNOLOGIES LIMITED
Description 6-Ch Audio Selector

CSC2323 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSC2323 Datasheet PDF - WISDOM INTERNATIONAL TECHNOLOGIES LIMITED

Part # CSC2323
Download  CSC2323 Click to download

File Size   131.71 Kbytes
Page   4 Pages
Manufacturer  WISWOOD [WISDOM INTERNATIONAL TECHNOLOGIES LIMITED]
Direct Link  http://www.wiswood.com/
Logo WISWOOD - WISDOM INTERNATIONAL TECHNOLOGIES LIMITED
Description 6-Ch Audio Selector

CSC2323 Datasheet (HTML) - WISDOM INTERNATIONAL TECHNOLOGIES LIMITED


CSC2323 Product details

FEATURES
- Supply Voltage: 9V
- 4 Stereo Inputs
- One 6-Channel Input
- Maximum Input Voltage: 3.75Vrms (1kHz, THD<1%)
- Low Total Harmonic Distortion, THD<0.005% (1kHz, 0.2Vrms)
- Low Noise: No<4μVrms
- I2C Bus Interface
- Available in 28 Pins, DIP or SOP Package




Similar Part No. - CSC2323

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSC2322F ETC2-CSC2322F Datasheet
282Kb / 11P
6-channel audio processor
logo
Continental Device Indi...
CSC2328A CDIL-CSC2328A Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CSC2328ANPN CDIL-CSC2328ANPN Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
More results


Similar Description - CSC2323

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA310 STMICROELECTRONICS-STA310 Datasheet
655Kb / 90P
62-CH. MULTISTANDARD AUDIO DECODER
Jun-2003
logo
Princeton Technology Co...
PT2323 PTC-PT2323 Datasheet
109Kb / 4P
6-Ch Audio Selector
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
Dual Audio Power Amplifier 6 W × 2 Ch
12-Jul-2004
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
Audio Power Amplifier 6 W 횞 3 Ch
logo
Advantech Co., Ltd.
ADAM-6060 ADVANTECH-ADAM-6060 Datasheet
632Kb / 1P
6-ch Digital Input and 6-ch Relay Module
logo
Rohm
BU7831KN ROHM-BU7831KN_06 Datasheet
1Mb / 17P
Voice/Audio Mixer & Selector
BU7831KN ROHM-BU7831KN_10 Datasheet
437Kb / 17P
Voice/Audio Mixer & Selector IC
logo
International Rectifier
IRS2093MPBF IRF-IRS2093MPBF_15 Datasheet
342Kb / 19P
4 CH Digital Audio Amplifier
logo
Infineon Technologies A...
IRS2052M INFINEON-IRS2052M Datasheet
435Kb / 23P
2 CH Digital Audio Amplifier
March 23, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com