Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2323 Datasheet (PDF) - Princeton Technology Corp

PT2323 Datasheet PDF - Princeton Technology Corp
Part # PT2323
Download  PT2323 Download
File Size   109.03 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 6-Ch Audio Selector

PT2323 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2323 Datasheet PDF - Princeton Technology Corp

Part # PT2323
Download  PT2323 Click to download

File Size   109.03 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 6-Ch Audio Selector

PT2323 Datasheet (HTML) - Princeton Technology Corp


PT2323 Product details


DESCRIPTION

PT2323 is a 6-Channel Audio Selector utilizing CMOS Technology specially designed for Home

Theater System.   It provides a built-in 2-Channel to 6-Channel Translator, which can directly mix

traditional stereo channel to simulate a 6-Channelaudio output.   Single power supply (9V), I2C Bus Interface as well as very low Total Harmonic Distortion (THD < 0.005%) and other features are

incorporated into a single chip thereby providing very high performance.   Pin assignments and

application circuit are optimized for easy PCB layout and cost saving advantages.




FEATURES

• Supply Voltage: 9V

• 4 Stereo Inputs

• One 6-Channel Input

• Maximum Input Voltage: 3.75Vrms (1kHz, THD<1%)

• Low Total Harmonic Distortion, THD<0.005% (1kHz, 0.2Vrms)

• Low Noise: No<4µVrms

• I2C Bus Interface

• Available in 28 Pins, DIP or SOP Package




Similar Part No. - PT2323

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2320 PTC-PT2320 Datasheet
53Kb / 3P
Multi-Channel AV Control Center IC
logo
List of Unclassifed Man...
PT2322 ETC1-PT2322 Datasheet
77Kb / 3P
6-Channel Audio Processor IC
PT2322-S ETC1-PT2322-S Datasheet
77Kb / 3P
6-Channel Audio Processor IC
logo
Princeton Technology Co...
PT2325 PTC-PT2325 Datasheet
188Kb / 4P
6 Channel Volume Control
PT2325 PTC-PT2325 Datasheet
127Kb / 4P
6 Channel Volume Control
More results


Similar Description - PT2323

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA310 STMICROELECTRONICS-STA310 Datasheet
655Kb / 90P
62-CH. MULTISTANDARD AUDIO DECODER
Jun-2003
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
Dual Audio Power Amplifier 6 W × 2 Ch
12-Jul-2004
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
Dual Audio Power Amplifier 6 W × 2 Ch
13-Feb-2002
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
Audio Power Amplifier 6 W × 3 Ch
13-Feb-2002
logo
Advantech Co., Ltd.
ADAM-6060 ADVANTECH-ADAM-6060 Datasheet
632Kb / 1P
6-ch Digital Input and 6-ch Relay Module
logo
Rohm
BU7831KN ROHM-BU7831KN_06 Datasheet
1Mb / 17P
Voice/Audio Mixer & Selector
BU7831KN ROHM-BU7831KN_10 Datasheet
437Kb / 17P
Voice/Audio Mixer & Selector IC
logo
International Rectifier
IRS2093MPBF IRF-IRS2093MPBF_15 Datasheet
342Kb / 19P
4 CH Digital Audio Amplifier
logo
Infineon Technologies A...
IRS2052M INFINEON-IRS2052M Datasheet
435Kb / 23P
2 CH Digital Audio Amplifier
March 23, 2011
logo
WISDOM INTERNATIONAL TE...
CSC2323 WISWOOD-CSC2323 Datasheet
131Kb / 4P
6-Ch Audio Selector
July, 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com