Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2320 Datasheet (PDF) - Princeton Technology Corp

PT2320 Datasheet PDF - Princeton Technology Corp
Part # PT2320
Download  PT2320 Download
File Size   53.83 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Multi-Channel AV Control Center IC

PT2320 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2320 Datasheet PDF - Princeton Technology Corp

Part # PT2320
Download  PT2320 Click to download

File Size   53.83 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Multi-Channel AV Control Center IC

PT2320 Datasheet (HTML) - Princeton Technology Corp


PT2320 Product details

DESCRIPTION

PT2320 is a Modern Multi-Channel AV Control Center IC. Eight group input selectors (seven stereo

inputs & one 6-channel individual input), 4 video inputs, 6-channel master volume control, 6-channel individual volume trim control, 3-band tone control (treble, middle, and bass), recording output, selector output, mute function, 3D effect function, tone defeat function are all built into a single chip to provide a Comprehensive and Complete AV Center IC having the highest performance and reliability with the least components. Furthermore, the pin assignments and application circuit are optimized for easy PCB Layout and cost saving benefits. Housed in 100 pins, QFP Package, PT2320 is the ultimate answer to your every audio/video system needs.



FEATURES

• Very Low Power Consumption (DC=9V)

• I2C Bus Control

• 8 Group Input Selectors (One 6-Channel Individual Input and 7 Stereo Input)

• 4 Video Input Selectors

• 6-Channel Master Volume Control: 0 to -79 dB (1 dB/step)

• 6-Channel Individual Output TRIM Volume Control: 0 to -15 dB (1dB/step)

• 3-Band Tone Control (Treble, Middle, Bass): + 14dB , 2dB/step

• Recording Output, Mute Function, Selector Output

• 3D Effect Function

 • Tone Defeat Function

• Low Noise

• High Channel Separation

• Low Harmonic Distortion

• Least External Components

• Easy to Use

• Available in 100-pin, QFP Package




Similar Part No. - PT2320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT2322 ETC1-PT2322 Datasheet
77Kb / 3P
6-Channel Audio Processor IC
PT2322-S ETC1-PT2322-S Datasheet
77Kb / 3P
6-Channel Audio Processor IC
logo
Princeton Technology Co...
PT2323 PTC-PT2323 Datasheet
109Kb / 4P
6-Ch Audio Selector
PT2323-S PTC-PT2323-S Datasheet
109Kb / 4P
6-Ch Audio Selector
PT2325 PTC-PT2325 Datasheet
188Kb / 4P
6 Channel Volume Control
More results


Similar Description - PT2320

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
AV SWITCH with I2C BUS CONTROL
logo
Panasonic Semiconductor
AN5858K PANASONIC-AN5858K Datasheet
63Kb / 8P
Color-TV AV-Switch IC
MN5814 PANASONIC-MN5814 Datasheet
111Kb / 8P
TFT AV Panel Controller IC
logo
Mitsumi Electronics, Co...
MM1311 MITSUMI-MM1311 Datasheet
268Kb / 11P
I2C BUS Control 4-Input 1-Output AV Switch Monolithic IC MM1311
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
logo
Panasonic Semiconductor
AN15861A PANASONIC-AN15861A Datasheet
719Kb / 8P
AV Switch IC
logo
Sanyo Semicon Device
LA5647H SANYO-LA5647H Datasheet
150Kb / 12P
Monolithic Linear IC For Car AV Equipment Multifunction Multi-Voltage Power Supply
logo
Asahi Kasei Microsystem...
AP1400 AKM-AP1400 Datasheet
381Kb / 5P
2 cell, Multi-channel System Power Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com