Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2325 Datasheet (PDF) - Princeton Technology Corp

PT2325 Datasheet PDF - Princeton Technology Corp
Part # PT2325
Download  PT2325 Download
File Size   188.35 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 6 Channel Volume Control

PT2325 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2325 Datasheet PDF - Princeton Technology Corp

Part # PT2325
Download  PT2325 Click to download

File Size   188.35 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 6 Channel Volume Control

PT2325 Datasheet (HTML) - Princeton Technology Corp


PT2325 Product details

DESCRIPTION
The volume controller is a basic function in an audio system, in a modern multi-channel system always needs a main volume that can adjust volume of all channels in synchronously. In traditional multi-channel design mostly utilizing a multi-gang potentiometer, but it’s so expensive and not easy to achieved well volume attenuation matching between each channel.
Now a better solution is uses the PT2325 to replace the multi-gang potentiometer. The PT2325 is designed for multi-channel audio purpose, the chip has 6 groups built-in 48 steps volume attenuator for each channel and running in synchronous, it only needs an external DC voltage to setting volume attenuation. In general application, a cheap single-gang potentiometer is work well to control whole channel’s volume. The DC volume setting also can be controlled by a PWM signal from the MCU and support 3.3V MCU bus voltage.
The performance of the PT2325 is excellent for the high cost/performance multi-channel audio system, its wide attenuation range (down to -100dB), high channel separation characteristics is also suite for other high quality audio purpose.

FEATURES
• 6 channels, volume control range 0 ~ -100dB/per channel
• Operating voltage range: 5 ~ 10V (Volume Buffer)
                                           3.3 ~ 10V (Volume Controller)
• Low noise, High SNR: Greater than 100dB (A-Weighted)
• High channel separation > 100dB
• Built-in MUTE function
• DC controlled volume attenuation

APPLICATIONS
• AV surround system
• Car audio
• Mini combo
• PC multimedia speaker
• Other audio applications




Similar Part No. - PT2325

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2325 PTC-PT2325 Datasheet
127Kb / 4P
6 Channel Volume Control
PT2325-D PTC-PT2325-D Datasheet
127Kb / 4P
6 Channel Volume Control
PT2325-X PTC-PT2325-X Datasheet
127Kb / 4P
6 Channel Volume Control
PT2325 PTC-PT2325_10 Datasheet
127Kb / 4P
6 Channel Volume Control
More results


Similar Description - PT2325

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
6 CHANNEL VOLUME CONTROLLER
Dec-2002
logo
Wolfson Microelectronic...
WM8736 WOLFSON-WM8736 Datasheet
138Kb / 17P
24-bit, 96kHz 6-Channel DAC with Volume Control
WM8746 WOLFSON-WM8746 Datasheet
265Kb / 31P
24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
logo
Hitachi Semiconductor
M61538FP HITACHI-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
6-CHANNEL ELECTRONIC VOLUME
logo
Wolfson Microelectronic...
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
logo
Princeton Technology Co...
PT2325 PTC-PT2325_10 Datasheet
127Kb / 4P
6 Channel Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com