Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61538FP Datasheet (PDF) - Hitachi Semiconductor

M61538FP Datasheet PDF - Hitachi Semiconductor
Part # M61538FP
Download  M61538FP Download
File Size   132.34 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 6-Channel Electronic Volume

M61538FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61538FP Datasheet PDF - Hitachi Semiconductor

Part # M61538FP
Download  M61538FP Click to download

File Size   132.34 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 6-Channel Electronic Volume

M61538FP Datasheet (HTML) - Hitachi Semiconductor


M61538FP Product details

Description

The M61538FP is 6ch electronic volume. This IC is controlled by 2-wire serial bus and is suitable for Home Audio System.



Features

• Electronic Volume 0 to –95dB, –∞/1dBstep 6-Channel independent Electronic Volume

• MUC I/F Controlled by serial data from microcomputer

• Low Noise 0.85µVrms: typ. [Volume = 0dB, Rg = 0Ω, IHF-A]

• Low Distortion 0.0012%: typ. [Vi:0.3Vrms, f:1kHz, BW:400Hz to 30kHz]

• Power Supply ±Power supplies or Single power supply



Applications

• Receiver, AV Amp, Mini Stereo etc.



 




Similar Part No. - M61538FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
More results


Similar Description - M61538FP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2258 PTC-PT2258 Datasheet
180Kb / 15P
6-Channel Electronic Volume Controller IC
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
6-CHANNEL ELECTRONIC VOLUME
NJW1151 NJRC-NJW1151 Datasheet
154Kb / 17P
6-CHANNEL ELECTRONIC VOLUME
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
fujitsu semiconductor
MB87077 FUJITSU-MB87077 Datasheet
535Kb / 13P
6-bit, 4-channel Electronic Volume Controller
MB87078 FUJITSU-MB87078 Datasheet
525Kb / 13P
6-bit, 4-channel Electronic Volume Controller
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com