Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61538FP Datasheet (PDF) - Renesas Technology Corp

M61538FP Datasheet PDF - Renesas Technology Corp
Part # M61538FP
Download  M61538FP Download
File Size   132.27 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel Electronic Volume

M61538FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61538FP Datasheet PDF - Renesas Technology Corp

Part # M61538FP
Download  M61538FP Click to download

File Size   132.27 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel Electronic Volume

M61538FP Datasheet (HTML) - Renesas Technology Corp


M61538FP Product details

Description

The M61538FP is 6ch electronic volume. This IC is controlled by 2-wire serial bus and is suitable for Home Audio System.



Features

• Electronic Volume 0 to –95dB, –∞/1dBstep 6-Channel independent Electronic Volume

• MUC I/F Controlled by serial data from microcomputer

• Low Noise 0.85µVrms: typ. [Volume = 0dB, Rg = 0Ω, IHF-A]

• Low Distortion 0.0012%: typ. [Vi:0.3Vrms, f:1kHz, BW:400Hz to 30kHz]

• Power Supply ±Power supplies or Single power supply



Applications

• Receiver, AV Amp, Mini Stereo etc.



 




Similar Part No. - M61538FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61538FP HITACHI-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
More results


Similar Description - M61538FP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2258 PTC-PT2258 Datasheet
180Kb / 15P
6-Channel Electronic Volume Controller IC
logo
Hitachi Semiconductor
M61538FP HITACHI-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
6-CHANNEL ELECTRONIC VOLUME
NJW1151 NJRC-NJW1151 Datasheet
154Kb / 17P
6-CHANNEL ELECTRONIC VOLUME
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
fujitsu semiconductor
MB87077 FUJITSU-MB87077 Datasheet
535Kb / 13P
6-bit, 4-channel Electronic Volume Controller
MB87078 FUJITSU-MB87078 Datasheet
525Kb / 13P
6-bit, 4-channel Electronic Volume Controller
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com