Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61538FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61538FP
Description  6-Channel Electronic Volume
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61538FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61538FP Datasheet HTML 1Page - Renesas Technology Corp M61538FP Datasheet HTML 2Page - Renesas Technology Corp M61538FP Datasheet HTML 3Page - Renesas Technology Corp M61538FP Datasheet HTML 4Page - Renesas Technology Corp M61538FP Datasheet HTML 5Page - Renesas Technology Corp M61538FP Datasheet HTML 6Page - Renesas Technology Corp M61538FP Datasheet HTML 7Page - Renesas Technology Corp M61538FP Datasheet HTML 8Page - Renesas Technology Corp M61538FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M61538FP
Rev.1.0, Mar.23.2004, page 2 of 11
Block Diagram and Pin Configuration
DVDD
CLOCK
VCC
SROUT
SLOUT
SWOUT
AGND
VEE
SWIN
SLIN
AGND
SRIN
RIN
LIN
CIN
AGND
DGND
DATA
LOUT
ROUT
COUT
AGND
AGND
AGND
1
2
3
4
5
6
7
8
9
11
12
24
23
22
21
20
19
18
17
16
10
15
14
13
MCU I/F
Logic
Vol
25K
Vol
25K
Vol
25K
Vol
25K
Vol
25K
Vol
25K
(Top View)
Pin Description
(
±Power supplies used)
PIN No.
Name
Function
1, 23
AGND
Analog ground of SW/SL/SR volume
2
SROUT
Output pin of SR channel
3
SLOUT
Output pin of SL channel
4
SWOUT
Output pin of SW channel
5
DVDD
Digital Power supply (Typ: 5V)
6, 7
DATA, CLOCK
Input pin of Control data/clock
8
DGND
Digital ground
9
COUT
Output pin of C channel
10
ROUT
Output pin of R channel
11
LOUT
Output pin of L channel
12, 14
AGND
Analog ground of L/R/C volume
13
LIN
Input pin of L channel
15
RIN
Input pin of R channel
16, 21
AGND
Analog ground of all channels
17
CIN
Input pin of C channel
18
VCC
Positive Power supply (Typ: +7V)
19
VEE
Negative Power supply (Typ: –7V)
20
SWIN
Input pin of SW channel
22
SLIN
Input pin of SL channel
24
SRIN
Input pin of SR channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com