Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet (PDF) - Wolfson Microelectronics plc

WM8736 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8736
Download  WM8736 Download
File Size   138.16 Kbytes
Page   17 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 96kHz 6-Channel DAC with Volume Control

WM8736 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8736 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8736
Download  WM8736 Click to download

File Size   138.16 Kbytes
Page   17 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 96kHz 6-Channel DAC with Volume Control

WM8736 Datasheet (HTML) - Wolfson Microelectronics plc


WM8736 Product details

DESCRIPTION

The WM8736 is a high performance 6-channel DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8736 supports data input word lengths from 16 to 24-bits and sampling rates up to 96kHz. The WM8736 consists of a serial interface port, digital interpolation filters, multi-bit sigma delta modulators and 6 DACs in a small 28-pin SSOP package. The WM8736 also includes a digitally controllable mute and attenuator function on each channel.



FEATURES

• 6-channel DAC

• Performance:

− 102dB SNR (‘A’ weighted @ 48kHz), THD+N: -95dB at full scale

• 5V or 3.3V supply operation

• Sampling frequency: 8kHz to 96kHz

• Input data word: 16 to 24-bit

• Hardware or SPI compatible serial port control modes:

− Hardware mode: system clock, reset, mute

− Serial control mode: mute, de-emphasis, digital attenuation (256 steps), zero mute, power down



APPLICATIONS

• DVD

• Home theatre systems

• Digital TV

• Digital broadcast receivers




Similar Part No. - WM8736

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731 Datasheet
128Kb / 2P
portable digital audio solutions
WM8731 WOLFSON-WM8731 Datasheet
595Kb / 56P
Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CLSEFL WOLFSON-WM8731CLSEFL Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731CLSEFL/R WOLFSON-WM8731CLSEFL/R Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
More results


Similar Description - WM8736

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720 Datasheet
116Kb / 15P
24-bit, 96kHz Stereo DACwith Volume Control
WM8718 WOLFSON-WM8718 Datasheet
284Kb / 27P
24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4393(VM) AKM-AK4393(VM) Datasheet
774Kb / 24P
Advanced Multi-Bit 96kHz 24-Bit 6 DAC
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com