Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8736 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
WM8736
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM8736EDS
-25
o to 85oC
28-pin SSOP
16
15
14
20
19
18
17
5
6
7
1
2
3
4
13
12
11
8
9
10
BCKIN
MC/IWL
CAP
DVDD
SCKI
OUT1L
OUT0L
AGND2
GR1
OUT1R
GR0
OUT0R
AVDD2
DGND
GR2
DIN0
DIN1
LRCIN
RSTB
OUT2R
MUTE
MODE
AGND1
DIN2
21
22
23
24
25
26
27
28
ML/I2S
MD/DM
OUT2L
AVDD1
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Supply voltage
-0.3V
+7V
Reference input
VDD + 0.3V
Operating temperature range, TA
-25
o C+85oC
Storage temperature
-65
o C
+150
oC
Package body temperature (soldering, 10 seconds)
+240
oC
Package body temperature (soldering, 2 minutes)
+183
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com