Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8736 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Production Data
WM8736
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
5
ML/12S
MC/IWL
MD/DM
t
MLS
t
MLH
t
MLL
t
MCH
t
MCL
t
MCY
t
MDS
t
MDH
Figure 3 Program Register Input Timing
Test Conditions
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
MC/IWL pulse cycle time
tMCY
100
ns
MC/IWL pulse width low
tMCL
50
ns
MD/DM pulse width high
tMCH
50
ns
MD/DM set-up time
tMDS
30
ns
MC/IWL hold time
tMDH
30
ns
ML/I2S pulse width low
tMLL
30
ns
ML/I2S set-up time
tMLS
30
ns
ML/I2S hold time
tMLH
30
ns
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured “A”
weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter. Failure to use such a filter will result in higher
THD+N and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low pass
filter removes out of band noise; although it is not audible it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com