Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
WM8736
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
6
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DVDD
Supply
Digital positive supply.
2
SCKI
Digital input
System clock input (256, 384 or 512fs).
3
BCKIN
Digital input
Audio data bit clock input.
4
LRCIN
Digital input
Left sample rate clock input.
5
DIN0
Digital input
Channel 0 serial audio data input.
6
DIN1
Digital input
Channel 1 serial audio data input.
7
DIN2
Digital input
Channel 2 serial audio data input.
8
MODE
Digital input
Mode select pin. Low is software mode, high is hardware control.
Internal pull-down.
9
MUTE
Digital I/O
Mute control pin, input or automute output.
Low is not mute, high is mute, Z is automute.
10
RSTB
Digital input
Reset input
− active low. Internal pull-up.
11
DGND
Supply
Digital ground supply
12
ML/I2S
Digital input
Latch enable (software mode) or input format selection (hardware mode).
Internal pull-up.
13
MC/IWL
Digital input
Serial control data clock input (software mode) or input word length
selection (hardware mode). Internal pull-up.
14
MD/DM
Digital input
Serial control data input (software mode) or de-emphasis selection
(hardware mode).
15
AVDD1
Supply
Analogue positive supply.
16
CAP
Analogue output
Analogue internal reference.
17
OUT2L
Analogue output
Left channel 2 output.
18
GR2
Analogue input
Channel 2 reference.
19
OUT2R
Analogue output
Right channel 2 output.
20
AGND1
Supply
Analogue ground supply.
21
OUT1L
Analogue output
Left channel 1 output.
22
GR1
Analogue input
Channel 1 reference.
23
OUT1R
Analogue output
Right channel 1 output.
24
AGND2
Supply
Analogue ground supply.
25
OUT0L
Analogue output
Left channel 0 output.
26
GR0
Analogue input
Channel 0 reference.
27
OUT0R
Analogue output
Right channel 0 output.
28
AVDD2
Supply
Analogue positive supply.
Note:
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com