Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Production Data
WM8736
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
7
DEVICE DESCRIPTION
WM8736 is a complete 6-channel stereo audio digital-to-analogue converter, including digital
interpolation filter, multi-bit sigma delta with dither, and switched capacitor multi-bit stereo DAC and
output smoothing filters.
The device is implemented as three separate stereo DACs in a single package and controlled by a
single interface. Three separate data input pins are provided for each of the three separate stereo
DACs, and LRCIN, BCKIN and SCKI are shared between them.
Control of internal functionality of the device is by either hardware control (pin programmed) or
software control (serial interface). The MODE pin selects between hardware and software control. In
software control mode, an SPI type interface is used. This interface may be asynchronous to the
audio data interface. Control data will be re-synchronized to the audio processing internally.
Operation using system clock of 256fs, 384fs or 512fs is provided, selection between clock rates
being automatically controlled in hardware mode, or serial controlled when in software mode. Sample
rates (fs) from less than 8ks/s to 96ks/s are allowed, provided the appropriate system clock is input.
The data interface supports normal (Japanese right justified) and I
2S (Philips left justified, one bit
delayed) interface formats, in both ‘packed’ and unpacked forms. When in hardware mode, the three
serial interface pins become control pins to allow selection of input data format type (I
2S or normal),
input word length (16, 18, 20, or 24-bit) and de-emphasis function.
SYSTEM CLOCK
The system clock for WM8736 must be either 256fs, 384fs or 512fs, where fs is the audio sampling
frequency (LRCIN) typically 32kHz, 44.1kHz, 48 or 96kHz. The system clock is used to operate the
digital filters and the noise shaping circuits.
WM8736 has a system clock detection circuit that automatically determines what the system clock
frequency relative to the sampling rate is (to within +/- 8 system clocks). If greater than 8 clocks
error, then the interface shuts down the DAC and mutes the output. The system clock should be
synchronised with LRCIN, but WM8736 is tolerant of phase differences or jitter on this clock. Severe
distortion in the phase difference between LRCIN and the system clock will be detected, and cause
the device to automatically resynchronise. If the externally applied LRCIN slips in phase by more
than half the internal LRCIN period, which is derived from master clock, then the interface
resynchronises. Such a case would, for example, occur if repeated LRCIN clocks were received
with only 252 systems clocks per period. In this case the interface would only resynchronise once
every 64 LRCIN periods, even if jitter was present on the LRCIN signal. During resynchronisation,
the device will either repeat the previous sample, or drop the next sample, depending on the nature
of the phase slip. This will ensure no discernible “click“ at the analogue outputs during
resynchronisation. Table 1 shows the typical system clock frequency inputs for the WM8736.
SYSTEM CLOCK FREQUENCY (MHZ)
SAMPLING RATE
(LRCIN)
256fs
384fs
512fs
32kHz
8.192
12.288
16.384
44.1kHz
11.2896
16.9340
22.5792
48kHz
12.288
18.432
24.576
96kHz
24.576
36.864
Table 1 System Clock Frequencies Versus Sampling Rate
AUDIO DATA INTERFACE
The Serial Data interface to WM8736 is fully compatible with both normal (MSB first, right-justified) or
I
2S interfaces. Data may be ‘packed’ (number of serial bit clocks per LRCIN period is exactly 2 times
the number of data bits, i.e. normally 32 in 16-bit mode) or unpacked (more than 32 bit clocks per
LRCIN period).
The WM8736 will automatically detect 16-bit packed data being sent to the device in normal mode,
and accept the data in this input format accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com