Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
WM8736
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
14
SERIAL PROTOCOL
Bits 0 (I
2S) and 1 (LRP) of register M3 are used to control the input data format completely. A low on
bit 0 (I
2S = 0) sets the format to Normal (MSB-first, right justified Japanese format), whilst a high
(I
2S = 1) sets the format to I2S (Philips serial data protocol).
POLARITY OF LRCIN SELECT
Bit 1 (LRP) of register M3 is used to control the polarity of LRCIN (sample rate clock). When bit 1 is
low (LRP = 0), left channel data is assumed when LRCIN is in a high phase and right channel data is
assumed when LRCIN is in a low phase. When bit 1 is high (LRP = 1), the polarity assumption
is reversed.
INTERFACE CLOCKS AND SAMPLING RATES
Bits 6 (SF0) and 7 (SF1) of register M3 are used to control the sampling frequency, as shown in
Table 12.
SF0
SF1
SAMPLING FREQUENCY
0
0
44.1kHz group
22.05 / 44.1 / 88.2kHz
0
1
48kHz group
24 / 48 / 96kHz
1
0
32kHz group
16 / 32 / 64kHz
1
1
Reserved
Not defined
Table 12 Sampling Frequencies
INFINITE ZERO DETECTION
Bit 8 (IZD) in register M3 controls operation of the automute function. If IZD (Infinite Zero Detect) is
high, 1024 consecutive zero audio samples will force the ouput to zero. See Figure 6. Note that the
control of pin MUTE also affects automute operation. To turn off automute, pin MUTE must be held
low as well as IZD being low (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com