Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Production Data
WM8736
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
11
RSTB RESET AND POWER DOWN CONTROL
In both hardware and software modes, this pin resets the entire device when taken low. The device
remains powered down while RSTB is held low.
RSTB
0
Device powered down and reset
RSTB
1
Device powered up and active
Table 6 Reset and Power Down Control
SOFTWARE CONTROL INTERFACE
The WM8736 can be controlled using a 3-wire serial interface. MD/DM (pin 6) is used for the program
data, MC/IWL (pin 5) is used to clock in the program data and ML/I2S (pin 4) is use to latch in the
program data. The 3-wire interface protocol is shown in Figure 7.
ML/I2S
MC/IWL
MD/DM
D6
D7
D8
A0
A1
A2
A3
B0
D1
D2
D3
D4
D5
D0
B2
B1
Figure 7 3-Wire Serial Interface
REGISTER MAP
WM8736 controls the special functions using 9 program registers, which are 16-bits long. These
registers are all loaded through input pin MD/DM. After the 16 data bits are clocked in, ML/I2S is
used to latch in the data to the appropriate register. Table 7 shows the complete mapping of the
9 registers.
B2
B1
B0
A3
A2
A1
A0
D8
D7
D6
D5
D4
D3
D2
D1
D0
NOT USED
ADDRESS
DATA
M0
-
-
-
0
0
0
0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
M1
-
-
-
0
0
0
1
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
M2
-
-
-
0
0
1
0
PL3
PL2
PL1
PL0
IW1
IW0
OPE
DE
MU
M3
--
-
0
0
1
1
IZD
---
--
ATC
LRP
I
2S
M4
-
-
-
0
1
0
0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
M5
-
-
-
0
1
0
1
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
M6
-
-
-
0
1
1
0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
M7
-
-
-
0
1
1
1
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
M8
-
-
-
1
0
0
0
LDM
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
Table 7 Mapping of Program Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com