Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
WM8736
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
10
HARDWARE CONTROL MODES
When the MODE pin is held high the following hardware modes of operation are available.
MUTE AND AUTOMUTE OPERATION
In both hardware and software modes pin 9 (MUTE) controls selection of MUTE directly, and can be
used to enable and disable the automute function, or as an output of the automuted signal.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
MU (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTE
PIN
Figure 6 Mute Circuit Operation
The MUTE pin behaves as a bi-directional function, that is, as an input to select MUTE or NOT-
MUTE, or as an output indication of automute operation. MUTE is active high; taking the pin high
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking MUTE
low again allows data into the filter.
The automute function detects a series of zero value audio samples of 1024 samples long being
applied to both left and right channels. After such an event, a latch is set whose output
(AUTOMUTED) is wire OR’ed through a 10kohm resistor to the MUTE pin. Thus if the MUTE pin is
not being driven, the automute function will assert MUTE.
If MUTE is tied low, AUTOMUTED is overidden and will not mute. If MUTE is driven from a source
follower, or diode, then both MUTE and automute functions are available. If MUTE is not driven,
AUTOMUTED appears as a weak output (10k source impedance) so can be used to drive external
mute circuits.
The automute signal is AND’ed with IZD, this qualified mute signal then being OR’ed into the
SOFTMUTE control. Therefore, in software mode, automute operation may be controlled with IZD
control bit.
I
2S INPUT FORMAT SELECTION AND MC/IWL INPUT FORMAT SELECTION
In hardware mode, pins 12 and 13 become input controls for selection of input data format type and
input data word length, see Table 4. I
2S mode is designed to support any word length provided
enough bit clocks are sent.
I
2S
MC/IWL
INPUT DATA MODE
0
0
16-bit normal
0
1
20-bit normal
1
0
24-bit normal
11
I
2S mode
Table 4 Control of Input Data Format Type and Input Data Word Length
MD/DM DE-EMPHASIS
In hardware mode, pin 14 becomes an input control for selection of de-emphasis filtering to be
applied. see Table 5.
MD/DM
0
De-emphasis off
MD/DM
1
De-emphasis on
Table 5 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com