Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Production Data
WM8736
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
9
MODES OF OPERATION
Control of the various modes of operation is either by software control over the serial interface, or
by hard-wired pin control. Selection of software or hardware mode is via MODE pin. The following
functions may be controlled either via the serial control interface or by hard wiring of the
appropriate pins.
FUNCTION
OPTIONS
SOFTWARE CONTROL
DEFAULT VALUE
PIN 8: MODE = 0
HARDWARE CONTROL
BEHAVIOUR
PIN 8: MODE = 1
Input audio data format
Normal format
I
2S format
I
2S = 0 (default)
I
2S = 1
Pin 12, 13: ML/I2S, MC/IWL =
00 or 01 or 10
Pin 12, 13: ML/I2S, MC/IWL = 11
Input word length
16
18
20
24
IW[1:0] = 00 (default)
IW[1:0] = 11
IW[1:0] = 01
IW[1:0] = 10
Pin 12, 13: ML/I2S, MC/IWL = 00
Pin 12, 13: ML/I2S, MC/IWL = 11 (I
2S only)
Pin 12, 13: ML/I2S, MC/IWL = 01
Pin 12, 13: ML/I2S, MC/IWL = 10
De-emphasis selection
On
Off
DE = 1
DE = 0 (Default)
Pin 14: MD/DM = 1
Pin 14: MD/DM = 0
Mute
On
Off
MU = 1
MU = 0 (default)
Pin 9: MUTE = 1
Pin 9: MUTE = 0
Reset and power down
control
WM8736 off
WM8736 on
Available from Pin 10: RSTB
Pin 10: RSTB = 0
Pin 10: RSTB = 1
Input LRCIN polarity
Lch/Rch =
High/Low
Lch/Rch =
Low/High
LRP = 0 (default)
LRP = 1
Not available in hardware mode,
default value set
Volume control
Lch, Rch
individually
Lch, Rch
common
ATC = 0; 0dB (default)
ATC = 1
Not available in hardware mode,
default 0dB
Infinite zero detect
On
Off
IZD = 1
IZD = 0 (default)
Operation enable (OPE)
Enabled
Disabled
OPE = 0 (default)
OPE = 1
Automute function controlled
from MUTE pin
low = not mute
Z = automute enable
high = muted
DAC output control
See Table 7
for all options
Default is PL[3:0] = 1001, stereo mode
Not available in hardware mode
Table 3 Control Function Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com