Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8736 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Production Data
WM8736
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
13
The master gain register M8 (A[3:0] = 0110) is used to write a gain value to all channels
simultaneously. Bit 8 (LDM) controls the update in the same way as the attenuation registers, and is
to be set to 1 for correct operation in this mode.
LEFT AND RIGHT DAC SOFT MUTE CONTROL
Soft mute is controlled by setting bit MU, register M2:bit 0. A high level on MU (MU = 1) will cause
the output to be muted, the effect of which is to ramp the signal down in the digital domain so that
there is no discernible click. This can be seen in Figure 6 Mute Circuit Operation.
DE-EMPHASIS CONTROL
Bit 1 (DE) in register M2 is used to control digital de-emphasis. A low level on bit 1 (DE = 0) disables
de-emphasis whilst a high level enables de-emphasis (DE = 1). De-emphasis applied to the filters
shapes the frequency response of the digital filter according to the input sample frequency.
LEFT AND RIGHT DAC OPERATION CONTROL
Bit 2 (OPE) in register M2 is used for operation control. With OPE = 0 (default) the device functions
normally. With OPE = 1 the device is disabled and the outputs are held at midrail. Current
consumption of the digital section is minimized, but analogue sections remain active in order to
preserve d.c. levels.
INPUT AUDIO WORD RESOLUTION
WM8736 allows maximum flexibility over the control of the audio data interface, allowing selection of
format type, word length, and sample rates. Bits 3 and 4 of register M2 (IW[1:0]) are used to
determine the input word resolution. WM8736 supports 16-bit, 18-bit, 20-bit and 24-bit formats as
described in Table 10.
BIT 4 (IW1)
BIT 3 (IW0)
INPUT RESOLUTION
0
0
16-bit data word
0
1
20-bit data word
1
0
24-bit data word
1
1
18-bit data word
Table 10 Input Data Resolution
DAC OUTPUT CONTROL
Bits 5, 6, 7 and 8 (PL[3:0]) of register M2 are used to control the output format as shown in Table 11.
PL3
PL2
PL1
PL0
LEFT OUTPUT
RIGHT OUTPUT
NOTE
0
0
0
0
MUTE
MUTE
Mute both channels
0
001
L
MUTE
0
010
R
MUTE
0
011
(L + R)/2
MUTE
0
100
MUTE
L
0
101
L
L
0
1
1
0
R
L
Reverse channels
0
111
(L + R)/2
L
1
000
MUTE
R
1
0
0
1
L
R
Stereo mode
1
010
R
R
1
011
(L + R)/2
R
1
100
MUTE
(L + R)/2
1
101
L
(L + R)/2
1
110
R
(L + R)/2
1
1
1
1
(L + R)/2
(L + R)/2
Mono mode
Table 11 Programmable Output Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com