Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8720 Datasheet (PDF) - Wolfson Microelectronics plc

WM8720 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8720
Download  WM8720 Download
File Size   116.62 Kbytes
Page   15 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 96kHz Stereo DACwith Volume Control

WM8720 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8720 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8720
Download  WM8720 Click to download

File Size   116.62 Kbytes
Page   15 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 96kHz Stereo DACwith Volume Control

WM8720 Datasheet (HTML) - Wolfson Microelectronics plc


WM8720 Product details

DESCRIPTION

The WM8720 is a high performance stereo DAC designed for audio applications such as CD, DVD, home theatre systems, set top boxes and digital TV. The WM8720 supports data input word lengths from 16 to 24-bits and sampling rates up to 96kHz. The WM8720 consists of a serial interface port, digital interpolation filter, multi-bit sigma delta modulator and stereo DAC in a small 20-pin SSOP package. The WM8720 also includes a digitally controllable mute and attenuator function on each channel.



FEATURES

• Performance:

- 102dB SNR (‘A’ weighted @48kHz),

- THD: -95dB @ 0dB FS

• 5V or 3.3V supply operation

• Sampling frequency: 8kHz to 96kHz

• Input data word: 16 to 24-bit

• Hardware or SPI compatible serial port control modes:

- Hardware mode: system clock, reset, mute, de-emphasis

- Serial control mode: mute, de-emphasis, digital attenuation (256 steps), zero mute, phase reversal, power down



APPLICATIONS

• CD, DVD audio

• Home theatre systems

• Set top boxes

• Digital TV




Similar Part No. - WM8720

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8720EDS WOLFSON-WM8720EDS Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8720EDS/R WOLFSON-WM8720EDS/R Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8720SEDS WOLFSON-WM8720SEDS Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8720SEDS/R WOLFSON-WM8720SEDS/R Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
More results


Similar Description - WM8720

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8736 WOLFSON-WM8736 Datasheet
138Kb / 17P
24-bit, 96kHz 6-Channel DAC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
24-bit, 96kHz Stereo DAC
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com