Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8720 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8720
Description  24-bit, 96kHz Stereo DACwith Volume Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8720 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Production Data
WM8720
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 November 2000
7
DEVICE DESCRIPTION
WM8720 is a complete stereo audio digital-to-analogue converter, including digital interpolation filter,
multibit sigma delta with dither, switched capacitor multibit stereo DAC and output smoothing filters.
Control of internal functionality of the device is by either hardware control (pin programmed) or
software control (serial interface). The MODE pin selects between hardware and software control. In
software control mode, an SPI type interface is used. This interface may be asynchronous to the
audio data interface. Control data will be re-synchronized to the audio processing internally.
The device is pin compatible with the PCM1720, but uses additional pins that are not used on that
device to achieve greater user flexibility.
Operation using system clock of 256fs or 384fs is provided. Selection between clock rates is being
automatically controlled in hardware mode, or serial controlled when in software mode. Sample rates
(fs) from less than 8ks/s to 96ks/s are allowed, provided the appropriate system clock is input.
The data interface supports normal (Japanese right justified) and I
2S (Philips left justified, one bit
delayed) interface formats, in both ‘packed’ and unpacked forms. When in hardware mode, the three
serial interface pins become control pins to allow selection of input data format type (I
2S or normal),
input word length (16, 18, 20, or 24-bit) and de-emphasis function.
SYSTEM CLOCK
The system clock for WM8720 must be either 256fs or 384fs, where fs is the audio sampling
frequency (LRCIN) typically 32kHz, 44.1kHz, 48 or 96kHz. The system clock is used to operate the
digital filters and the noise shaping circuits.
WM8720 has a system clock detection circuitry that automatically determines what the system clock
frequency relative to the sampling rate is (to within
±8 system clocks). If greater than 8 clocks error,
then the interface shuts down the DAC and mutes the output. The system clock should be
synchronised with LRCIN, but WM8720 is tolerant of phase differences or jitter on this clock. Severe
distortion in the phase difference between LRCIN and the system clock will be detected, and cause
the device to automatically resynchronise. If the externally applied LRCIN slips in phase by more
than half the internal LRCIN period, which is derived from master clock, then the interface
resynchronises. Such a case would, for example, occur if repeated LRCIN clocks were received with
only 252 systems clocks per period. In this case the interface would resynchronise every 64 LRCIN
periods. During resynchronisation, the device will either repeat the previous sample, or drop the next
sample, depending on the nature of the phase slip. This will ensure no discernible “click “ at the
analogue outputs during resynchronisation. Table 1 shows the typical system clock frequency inputs
for the WM8720.
SYSTEM CLOCK FREQUENCY (MHZ)
SAMPLING RATE (LRCIN)
256fs
384fs
32kHz
8.192
12.288
44.1kHz
11.2896
16.9340
48kHz
12.288
18.432
96kHz
24.576
36.864
Table 1 System Clock Frequencies Versus Sampling Rate
AUDIO DATA INTERFACE
The Serial Data interface to WM8720 is fully compatible with both normal (MSB first, right-justified) or
I
2S interfaces. Data may be ‘packed’ (number of serial bit clocks per LRCIN period is exactly 2 times
the number of data bits, i.e. normally 32 in 16-bit mode) or unpacked (more than 32 bit clocks per
LRCIN period).
The WM8720 will automatically detect 16-bit packed data being sent to the device in normal mode,
and accept the data in this input format accordingly.
I
2S MODE
DESCRIPTION
0
Normal format (MSB-first, right justified)
1I
2S format (Philips serial data protocol )
Table 2 Serial Interface Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com