Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8720 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8720
Description  24-bit, 96kHz Stereo DACwith Volume Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8720 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Production Data
WM8720
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 November 2000
13
DAC OUTPUT CONTROL
Bits 5, 6, 7 and 8 (PL[3:0]) of register 2 are used to control the output format as shown in Table 11.
PL3
PL2
PL1
PL0
LEFT
OUTPUT
RIGHT
OUTPUT
NOTE
0
0
0
0
MUTE
MUTE
Mute both channels
000
1
L
MUTE
001
0
R
MUTE
001
1
(L + R)/2
MUTE
010
0
MUTE
L
010
1
L
L
0
1
1
0
R
L
Reverse channels
011
1
(L + R)/2
L
100
0
MUTE
R
1
0
0
1
L
R
Stereo mode
101
0
R
R
101
1
(L + R)/2
R
1
1
0
0
MUTE
(L + R)/2
110
1
L
(L + R)/2
111
0
R
(L + R)/2
1
1
1
1
(L + R)/2
(L + R)/2
Mono mode
Table 11 Programmable DAC Output Format
SERIAL PROTOCOL
Bits 0 (I
2S) and 1 (LRP) of register 3 are used to control the input data format completely. A low on
bit 0 (I
2S = 0) sets the format to Normal (MSB-first, right justified Japanese format), whilst a high
(I
2S = 1) sets the format to I2S (Philips serial data protocol).
POLARITY OF LRCIN SELECT
Bit 1 (LRP) of register 3 is used to control the polarity of LRCIN (sample rate clock). When bit 1 is
low (LRP = 0), left channel data is assumed when LRCIN is in a high phase and right channel data
is assumed when LRCIN is in a low phase. When bit 1 is high (LRP = 1), the polarity assumption
is reversed.
INTERFACE CLOCKS AND SAMPLING RATES
Bits 6 (SF0) and 7 (SF1) of register 3 are used to control the sampling frequency, as shown in
Table 12.
SF0
SF1
SAMPLING FREQUENCY
0
0
44.1 kHz group
22.05 / 44.1 / 88.2 kHz
0
1
48 kHz group
24 / 48 / 96 kHz
1
0
32 kHz group
16 / 32 / 64 kHz
1
1
Reserved
Not defined
Table 12 Sampling Frequencies
INFINITE ZERO DETECTION
Bit 8 (IZD) in register 3 controls operation of the automute function. If IZD (Infinite Zero Detect) is
high, 1024 consecutive zero audio samples will force the output to zero. See Figure 6. Note that the
control of pin MUTE also affects automute operation. To turn off automute, pin MUTE must be held
low as well as IZD being low (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com