Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8720 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8720
Description  24-bit, 96kHz Stereo DACwith Volume Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8720 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
WM8720
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 November 2000
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM8720EDS
-25 to +85
oC
20-pin SSOP
16
15
14
20
19
18
17
5
6
7
1
2
3
4
BCKIN
DIN
LRCIN
MUTE
MODE
DGND
DVDD
RSTB
MD/DM
MC/IWL
ML/I2S
TEST
PWDN
SCKI
13
12
11
8
9
10
AVDD
VOUTL
CAP
AGND
VOUTR
ZERO
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
PWDN
Digital input
Powerdown control; low is ON, high is POWER OFF. Internal pull-down.
2
SCKI
Digital input
System clock input (256 or 384fs).
3
TEST
Digital output
Reserved.
4
ML/I2S
Digital input
Latch enable (software mode) or input format selection (hardware mode).
Internal pull-up.
5
MC/IWL
Digital input
Serial control data clock input (software mode) or input word length
selection (hardware mode). Internal pull-up.
6
MD/DM
Digital input
Serial control data input (software mode) or de-emphasis selection
(hardware mode). Internal pull-up.
7
RSTB
Digital input
Reset input – active low. Internal pull-up.
8
ZERO
Digital output
Infinite zero detect – active low. Open drain type output with active
pull-down.
9
VOUTR
Analogue output
Right channel DAC output.
10
AGND
Supply
Analogue ground supply.
11
AVDD
Supply
Analogue positive supply.
12
VOUTL
Analogue output
Left channel DAC output.
13
CAP
Analogue output
Analogue internal reference.
14
BCKIN
Digital input
Audio data bit clock input.
15
DIN
Digital input
Serial audio data input.
16
LRCIN
Digital input
Sample rate clock input.
17
MUTE
Digital IO
Mute control pin, input or automute output.
Low is not mute, high is mute, Z is automute.
18
MODE
Digital input
Mode select pin. Low is software mode, high is hardware control.
Internal pull-down.
19
DVDD
Supply
Digital positive supply.
20
DGND
Supply
Digital ground supply.
Note:
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com