Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8720 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8720
Description  24-bit, 96kHz Stereo DACwith Volume Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8720 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
WM8720
24-bit, 96kHz Stereo DAC with Volume Control
Production Data, November 2000, Rev 3.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data Datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
2000 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM8720 is a high performance stereo DAC designed
for audio applications such as CD, DVD, home theatre
systems, set top boxes and digital TV. The WM8720
supports data input word lengths from 16 to 24-bits and
sampling rates up to 96kHz. The WM8720 consists of a
serial interface port, digital interpolation filter, multi-bit
sigma delta modulator and stereo DAC in a small 20-pin
SSOP package. The WM8720 also includes a digitally
controllable mute and attenuator function on each channel.
The WM8720 supports a variety of connection schemes for
audio DAC control. The SPI-compatible serial control port
provides access to a wide range of features including on-
chip mute, attenuation and phase reversal. A hardware
controllable interface is also available.
The programmable data input port supports a variety of
glueless interfaces to popular DSPs, audio decoders and
S/PDIF and AES/EBU receivers.
FEATURES
•
Performance:
-
102dB SNR (‘A’ weighted @48kHz),
-
THD: -95dB @ 0dB FS
•
5V or 3.3V supply operation
•
Sampling frequency: 8kHz to 96kHz
•
Input data word: 16 to 24-bit
•
Hardware or SPI compatible serial port control modes:
-
Hardware mode: system clock, reset, mute,
de-emphasis
-
Serial control mode: mute, de-emphasis, digital
attenuation (256 steps), zero mute, phase reversal,
power down
•
Compatible with PCM1720
APPLICATIONS
•
CD, DVD audio
•
Home theatre systems
•
Set top boxes
•
Digital TV
BLOCK DIAGRAM
SERIAL
INTERFACE
DIGITAL
FILTERS
CONTROL INTERFACE
BCKIN (14)
(9) VOUTR
(12) VOUTL
SIGMA
DELTA
MODULATOR
MUTE/
ATTEN
(20)
DGND
(10)
AGND
(13)
CAP
(11)
AVDD
(19)
DVDD
LRCIN (16)
DIN (15)
(3) TEST
(8) ZERO
256fs/384fs
MUTE
(17)
MODE
(18)
RSTB
(7)
PWDN
(1)
MD/DM
(6)
MC/IWL
(5)
ML/I2S
(4)
SCKI
(2)
DAC
SIGMA
DELTA
MODULATOR
MUTE/
ATTEN
DAC
WM8720


Similar Part No. - WM8720

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8720EDS WOLFSON-WM8720EDS Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8720EDS/R WOLFSON-WM8720EDS/R Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8720SEDS WOLFSON-WM8720SEDS Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8720SEDS/R WOLFSON-WM8720SEDS/R Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
More results

Similar Description - WM8720

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8736 WOLFSON-WM8736 Datasheet
138Kb / 17P
24-bit, 96kHz 6-Channel DAC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
24-bit, 96kHz Stereo DAC
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com