Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746 Datasheet (PDF) - Wolfson Microelectronics plc

WM8746 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8746
Download  WM8746 Download
File Size   265.19 Kbytes
Page   31 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL

WM8746 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8746 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8746
Download  WM8746 Click to download

File Size   265.19 Kbytes
Page   31 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL

WM8746 Datasheet (HTML) - Wolfson Microelectronics plc


WM8746 Product details

DESCRIPTION
WM8746 is a high performance 6-channel DAC designed for audio applications such as DVD, home theatre systems, and digital TV. The WM8746 supports data input word lengths from 16 to 32-bits and sampling rates up to 192kHz. The WM8746 can convert up to 6 channels at sample rates from 8 to 192kHz. Additionally WM8746 supports 2 channels at 192kHz and 4 channels at 96kHz simultaneously.

FEATURES
• 6-Channel DAC
• Audio Performance
    − 106dB SNR (‘A’ weighted @ 48kHz) DAC
    − -95dB THD
• DAC Sampling Frequency: 8kHz – 192kHz
• 3-Wire Serial Control Interface
• Programmable Audio Data Interface Modes
    − I2S, Left, Right Justified or DSP
    − 16/20/24/32 bit Word Lengths
• Independent Digital Volume Control on Each Channel with 127.5dB Range in 0.5dB Steps
• 3.0V – 5.5V Supply Operation
• 28-Pin SSOP Package
• Exceeds Dolby Class A Performance Requirements
• Pin Compatible with WM8736

APPLICATIONS
• DVD and DVD ‘Universal’ Players
• Home theatre systems
• Digital broadcast receivers




Similar Part No. - WM8746

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8746 WOLFSON-WM8746 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8746SEDS WOLFSON-WM8746SEDS Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8746SEDS/R WOLFSON-WM8746SEDS/R Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
More results


Similar Description - WM8746

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8761 WOLFSON-WM8761 Datasheet
223Kb / 20P
24BIT 192KHZ STEREO DAC
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
192kHz sampling 24Bit DAC
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com