Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
WM8746
Advance Information
PP Rev 1.4 November 2001
7
MASTER CLOCK TIMING
SCKI
t
SCKIL
t
SCKIH
t
SCKIY
Figure 1 Master Clock Timing Requirements
Test Conditions
AVDD = DVDD = 5V, AGND = GR = DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
SCKI System clock pulse width high
tSCKIH
13
ns
SCKI System clock pulse width low
tSCKIL
13
ns
SCKI System clock cycle time
tSCKIY
26
ns
SCKI Duty cycle
40:60
60:40
Table 1 Master Clock Timing Requirements
DIGITAL AUDIO INTERFACE TIMING
BCKIN
DIN0/1/2
LRCIN
t
BCH
t
BCL
t
BL
t
LB
t
BCY
t
DS
t
DH
Figure 2 PCM Digital Audio Data Timing
Test Conditions
AVDD = DVDD = 5V, AGND = GR = DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCKIN cycle time
tBCY
40
ns
BCKIN pulse width high
tBCH
16
ns
BCKIN pulse width low
tBCL
16
ns
LRCIN set-up time to
BCKIN rising edge
tLB
8ns
LRCIN hold time from
BCKIN rising edge
tBL
8ns
DIN0/1/2 set-up time to
BCKIN rising edge
tDS
8ns
DIN0/1/2 hold time from
BCKIN rising edge
tDH
8ns
Table 2 PCM Digital Audio Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com