Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
WM8746
Advance Information
PP Rev 1.4 November 2001
11
RIGHT JUSTIFIED MODE
In right justified mode, the LSB is sampled on the rising edge of BCKIN preceding a
LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN0/1/2
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 5 Right Justified Mode TIming Diagram
I
2S MODE
In I
2S mode, the MSB is sampled on the second rising edge of BCKIN following a LRCIN transition.
LRCIN is low during the left samples and high during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN0/1/2
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCKIN
1 BCKIN
Figure 6 I
2S Mode TIming Diagram
DSP EARLY MODE
In DSP early mode, the first bit is sampled on the BCKIN edge following the one which detects a low
to high transition on LRCIN.
1 BCKIN
LRCIN
BCKIN
DIN0
Input Word Length (IWL)
1/fs
CHANNEL 0
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 0
RIGHT
2
1
CHANNEL 1
LEFT
n
n-1
CHANNEL 2
RIGHT
NO VALID DATA
1 BCKIN
Figure 7 DSP Early Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com